Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS8130
Description  MULTI STANDARD INFRARED TRANSCEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130 Datasheet(HTML) 4 Page - Cirrus Logic

  CS8130 Datasheet HTML 1Page - Cirrus Logic CS8130 Datasheet HTML 2Page - Cirrus Logic CS8130 Datasheet HTML 3Page - Cirrus Logic CS8130 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
DS134PP2-B
DIGITAL PIN CHARACTERISTICS (T
A = 25 °C; Supply= 3.0 V)
SPEC TABLE TITLE (INSERT 5 COLUMN TABLE) Spec Table Condition
Notes: 9. 20% duty cycle, max pulse width 19.5 µs (3/16 of (1/9600 bps)).
ABSOLUTE MAXIMUM RATINGS (All voltages with respect to 0 V)
Notes: 10. In normal oscillator mode, the crystal is internally loaded with 20 pF, which is the standard loading at
which the crystal frequency is tuned. In low power oscillator mode, the internal loading on the crystal is
reduced to approximately 5 pF. The crystal frequency will therefore increase by about 0.03% in low
power mode.
For pricing, delivery, and technical assistance, call (512) 445-7222.
Parameter
Symbol
Min
Typ
Max
Unit
High-level Input Voltage
VIH
2.0
-
-
V
Low-level Input Voltage
VIL
--
0.8
V
High-level Output Voltage
VOH
VD - 0.3
-
-
V
Low-level Output Voltage
VOL
--
0.3
V
Output Leakage Current in Hi-Z state
-
-
0.2
µA
Input Leakage Current
(Digital Inputs)
-
-
0.2
µA
Output Capacitance
COUT
-5
-
pF
Input Capacitance
CIN
-5
-
pF
Parameter
Symbol
Min
Max
Unit
Power Supplies
-0.3
6.0
V
Input Current
Except Supply Pins & Driver Pins
-
±10
mA
Input Voltage
-0.3
VD + 0.3
V
LED Output Current (each driver)
(Note 9)
-
750
mA
Ambient Temperature
(Power Applied)
-55
+125
°C
Storage Termperature
-65
+150
°C
ESD using humand body model (100 pF with series 1.5 k
Ω)
2000
-
V
Parameter
Symbol
Min
Typ
Max
Unit
XTALIN/EXTCLK frequencies
(Note )
CLKFR pin low
CLKFR pin high
-
-
3.6864
1.8432
-
-
MHz
MHz
EXTCLK duty cycle (as an input)
45
50
55
%
Crystal Oscillator start up time
-
-
25
ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com