Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8130 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS8130
Description  MULTI STANDARD INFRARED TRANSCEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8130 Datasheet(HTML) 1 Page - Cirrus Logic

  CS8130 Datasheet HTML 1Page - Cirrus Logic CS8130 Datasheet HTML 2Page - Cirrus Logic CS8130 Datasheet HTML 3Page - Cirrus Logic CS8130 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Copyright
© Cirrus Logic, Inc. 1997
(All Rights Reserved)
Cirrus Logic, Inc.
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
11/6/97
CS8130 Revision G Addendum
Multi-Standard Infrared Transceiver (DS134PP2, JUN ‘97)
The following items represent permanent changes to the specification of the CS8130 IR transceiver.
1) The Silicon Revision Register (Register 28) reads 0010, indicating rev G silicon.
2) The default receive sensitivity setting is changed to 00011 (Register 6 resets to 0011).
3) Oscillator low power mode is now the default condition after reset (Register 21 resets to 0100).
4) The BLKR bit (Register 4, bit D2) blocks the RXD output data during those periods when the transmit
LEDs are on. This prevents the UART/system reading the transmitted data. The re-enable signal for
the receiver is delayed by 8 µs from when the LEDs are turned off. Set to 1 to block RXD data, set to
0 to allow RXD data through during transmission. This bit goes to 0 upon RESET.
5) An additional control bit was added which causes the CS8130 receiver to ignore the falling edge of the
IR pulse. This bit is called ENPOS, and it is bit D2 of Register #7. ENPOS is normally 1, which causes
the falling edge to be ignored. This results in greater range in IrDA and high-frequency ASK (Sharp
500 kHz) modes. ENPOS should be set to 0 for low-frequency amplitude modulated modes.
6) For IrDA/HP-SIR pulse width modes, two additional control bits have been added:
a. The THIN bit (Register 7, bit D1) allows the minimum acceptable pulse width to be reduced from
1 µs to 0.5 µs when set to 1. This bit has effect only when the receiver is programmed to mode 1a
(fixed 1.6 µs pulses only) or 1c (receive 1.6 µs to 3/16 of a bit cell pulses). This bit resets to 0.
b. The WIDE bit (Register 1, Bit D2) expands the maximum allowable pulse width to 9/16 of a bit
cell when set to 1. This bit has effect only when the receiver is set to mode 1a (fixed 1.6 µs pulses
only).
For normal IrDA operation, it is recommended that THIN be set to 0 and WIDE be set to 1. Under these
conditions, the qualification boundaries for receiver mode 1c (receive 1.6 µs to 3/16 of a bit cell pulses)
are identical to the qualification boundaries for receiver mode 1a (fixed 1.6 µs pulses only). This bit
resets to 1.
7) A TV remote receive mode hesitate bit has been added (Register 1, Bit D3). When this bit is set to 0,
the RXD pin will remain high until the first valid IR signal is detected. At that time, the RXD pin will
output serial data at the specified baud rate until the receiver is disabled (Register 0, bit D1). If this bit
is set to 1, the RXD pin will immediately and continuously output data. This bit resets to 0.
8) The ASK transmit carrier frequency formula has changed:
MD=(3.6864E6/FR)-2 , where MD is the Modulator Divider Value and FR is the desired modulation
frequency (Registers 10 & 11). The RESET default value for MD is now 5, yielding a default carrier
DS134PP2-B
NOV ‘97


Similar Part No. - CS8130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS8130 ETC1-CS8130 Datasheet
292Kb / 28P
Multi-Standard Infrared Transceiver
logo
Cirrus Logic
CS8130 CIRRUS-CS8130 Datasheet
193Kb / 4P
Revision G Addendum
CS8130 CIRRUS-CS8130 Datasheet
318Kb / 28P
Multi-Standard Infrared Transceiver
logo
List of Unclassifed Man...
CS8130-CS ETC1-CS8130-CS Datasheet
292Kb / 28P
Multi-Standard Infrared Transceiver
logo
Cirrus Logic
CS8130-CS CIRRUS-CS8130-CS Datasheet
318Kb / 28P
Multi-Standard Infrared Transceiver
More results

Similar Description - CS8130

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2W0002YP SHARP-GP2W0002YP Datasheet
145Kb / 14P
Low Power Infrared Transceiver
logo
List of Unclassifed Man...
CS8130 ETC1-CS8130 Datasheet
292Kb / 28P
Multi-Standard Infrared Transceiver
logo
Siemens Semiconductor G...
IRM6000 SIEMENS-IRM6000 Datasheet
68Kb / 3P
INFRARED DATA TRANSCEIVER
logo
Agilent(Hewlett-Packard...
HSDL-1100_98H HP-HSDL-1100_98H Datasheet
204Kb / 12P
Infrared Transceiver
logo
CITIZEN ELECTRONICS CO....
CIM-86S7B CITIZEN-CIM-86S7B Datasheet
301Kb / 1P
Infrared IrDA Compliant Transceiver
CIM-150F7RV CITIZEN-CIM-150F7RV Datasheet
300Kb / 1P
Infrared IrDA Compliant Transceiver
logo
Cirrus Logic
CS8130 CIRRUS-CS8130_05 Datasheet
318Kb / 28P
Multi-Standard Infrared Transceiver
logo
Motorola, Inc
MC13173 MOTOROLA-MC13173 Datasheet
340Kb / 18P
INFRARED TRANSCEIVER
logo
Vishay Siliconix
TFBR4650 VISHAY-TFBR4650 Datasheet
261Kb / 12P
Infrared Transceiver, 9.6 kbit/s to 115.2 kbit/s (SIR)
22-Oct-2018
logo
List of Unclassifed Man...
LMS6002D ETC2-LMS6002D Datasheet
551Kb / 15P
Multi-band Multi-standard Transceiver with Integrated Dual DACs and ADCs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com