Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3410XMF/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3410XMF/NOPB
Description  Constant Current Boost and SEPIC LED Driver with Internal Compensation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3410XMF/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM3410XMF/NOPB Datasheet HTML 1Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 2Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 3Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 4Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 5Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 6Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 7Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 8Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
1
2
3
6
5
4
AGND
FB
SW
VIN
DIM
PGND
1
2
3
7
6
4
AGND
FB
SW
VIN
DIM
PGND
5
8
NC
NC
2
1
3
5
4
DIM
GND
FB
VIN
SW
LM3410, LM3410Q
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
www.ti.com
Connection Diagram
Figure 1. 5-Pin SOT-23 (Top
Figure 2. 6-Pin WSON (Top View)
Figure 3. 8-Pin MSOP-PowerPad
View)
(Top View)
See NGG0006A Package
See DBV Package
See GDN0008A Package
Table 1. Pin Descriptions - 5-Pin SOT-23
Pin
Name
Function
1
SW
Output switch. Connect to the inductor, output diode.
2
GND
Signal and power ground pin. Place the bottom resistor of the feedback network as close as possible to this pin.
3
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
Dimming and shutdown control input. Logic high enables operation. Duty Cycle from 0 to 100%. Do not allow this pin
4
DIM
to float or be greater than VIN + 0.3V.
5
VIN
Supply voltage pin for power stage, and input supply voltage.
Table 2. Pin Descriptions - 6-Pin WSON
Pin
Name
Function
1
PGND
Power ground pin. Place PGND and output capacitor GND close together.
2
VIN
Supply voltage for power stage, and input supply voltage.
Dimming and shutdown control input. Logic high enables operation. Duty Cycle from 0 to 100%. Do not allow this pin
3
DIM
to float or be greater than VIN + 0.3V.
4
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
5
AGND
Signal ground pin. Place the bottom resistor of the feedback network as close as possible to this pin and pin 4.
6
SW
Output switch. Connect to the inductor, output diode.
Signal and Power ground. Connect to pin 1 and pin 5 on top layer. Place 4-6 vias from DAP to bottom layer GND
DAP
GND
plane.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3410 LM3410Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com