Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3410XMF/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LM3410XMF/NOPB
Description  Constant Current Boost and SEPIC LED Driver with Internal Compensation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3410XMF/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM3410XMF/NOPB Datasheet HTML 24Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 25Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 26Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 27Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 28Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 29Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 30Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 31Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
DIMM
LM3410
VIN
5
4
1
3
2
L1
C1
R2
C2
R1
D1
LEDs
LM3410, LM3410Q
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
www.ti.com
LM3410Y SOT-23 Design Example 2: 5 x 1206 Series LED String Application
Figure 30. LM3410Y (525kHz): VIN = 2.7V to 5.5V, 5 x 3.3V LEDs, (VOUT ≊
≊ 16.5V) ILED ≊
≊ 50mA
Part ID
Part Value
Manufacturer
Part Number
U1
2.8A ISW LED Driver
TI
LM3410YMF
C1, Input Cap
10µF, 6.3V, X5R
TDK
C2012X5R0J106M
C2 Output Cap
2.2µF, 25V, X5R
TDK
C2012X5R1E225M
D1, Catch Diode
0.4Vf Schottky 500mA, 30VR
Diodes Inc
MBR0530
L1
15µH 1.2A
Coilcraft
DO1608C-153
R1
4.02
Ω, 1%
Vishay
CRCW08054R02F
R2
100k
Ω, 1%
Vishay
CRCW08051003F
LED's
SMD-1206, 50mA, Vf ≊ 3 .6V
Lite-On
LTW-150k
28
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3410 LM3410Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com