Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3410XMF/NOPB Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LM3410XMF/NOPB
Description  Constant Current Boost and SEPIC LED Driver with Internal Compensation
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3410XMF/NOPB Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM3410XMF/NOPB Datasheet HTML 33Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 34Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 35Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 36Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 37Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 38Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 39Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 40Page - Texas Instruments LM3410XMF/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
VO
VIN
L1
D1
C1
C2
R1
C3
R3
L2
C4
1
2
3
6
5
4
D2
D3
LM3410
LM3410, LM3410Q
www.ti.com
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
LM3410X WSON Design Example 11: Boot-Strap Circuit to Extend Battery Life
Figure 39. LM3410X (1.6MHz): VIN = 1.9V to 5.5V, VIN > 2.3V (TYP) for Startup, ILED ≊
≊ 300mA
Part ID
Part Value
Mfg
Part Number
U1
2.8A ISW LED Driver
TI
LM3410XSD
C1 Input VPWR Cap
10µF, 6.3V, X5R
TDK
C1608X5R0J106K
C2 VOUT Cap
10µF, 6.3V, X5R
TDK
C1608X5R0J106K
C3 Input VIN Cap
0.1µF, 6.3V, X5R
TDK
C1005X5R1C104K
D1, Catch Diode
0.43Vf, Schotky, 1.0A, 20VR
Diodes Inc
DFLS120L
D2, D3
Dual Small Signal Schotky
Diodes Inc
BAT54CT
L1, L2
3.3µH 3A
Coilcraft
MOS6020-332
R1
665 m
Ω, 1%
Vishay
CRCW0805R665F
R3
100k
Ω, 1%
Vishay
CRCW08051003F
HB/OLED
3.4Vf, 350mA
TT Electronics/Optek
OVSPWBCR44
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LM3410 LM3410Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com