Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3424 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3424
Description  Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3424 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3424 Datasheet HTML 17Page - Texas Instruments LM3424 Datasheet HTML 18Page - Texas Instruments LM3424 Datasheet HTML 19Page - Texas Instruments LM3424 Datasheet HTML 20Page - Texas Instruments LM3424 Datasheet HTML 21Page - Texas Instruments LM3424 Datasheet HTML 22Page - Texas Instruments LM3424 Datasheet HTML 23Page - Texas Instruments LM3424 Datasheet HTML 24Page - Texas Instruments LM3424 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
2
OV
HYSO
R
A
20
V
x
2
=
¸
¸
¹
·
¨
¨
©
§
x
=
- OFF
TURN
24V
.
1
V
x
+
OV1
OV2
R
5
.
0
R
1
OV
R
1
¸
¸
¹
·
¨
¨
©
§
x
=
- OFF
TURN
24V
.
1
V
1
OV
R
+
2
OV
OV
R
R
CO
SS
SS
CMP
VCC
SS
SU
t
t
t
t
t
+
+
+
=
-
-
CO
CMP
VCC
SU
t
t
t
t
+
+
=
SS
SS
SS
C
20 k
C
t
x
:
=
x
=
PA
10
V
2
.
0
CMP
CMP
CMP - SS
C
28
C
t
x
k:
=
x
=
PA
25
0.70V
O
CO
C
t
x
=
O
V
LED
I
LM3424, LM3424-Q1
www.ti.com
SNVS603C – AUGUST 2009 – REVISED AUGUST 2015
Feature Description (continued)
Once CCMP = 0.9V, the part starts switching to charge CO until the LED current is in regulation. The CO charging
time (tCO) can be roughly estimated as:
(23)
If CSS is greater than 40% of CCMP, the compensation capacitor will only charge to 0.7V over a smaller CCMP
charging time (tCMP-SS) which can be estimated as:
(24)
Then COMP will clamp to SS, forcing COMP to rise (the last 200 mV before switching begins) according to the
CSS charging time (tSS) which can be estimated as:
(25)
The system start-up time (tSU or tSU-SS) is defined as:
CSS < 0.4 x CCMP
(26)
CSS > 0.4 x CCMP
(27)
As a general rule of thumb, standard smooth startup operation can be achieved with CSS = CCMP.
7.3.9 Overvoltage Lockout (OVLO)
The LM3424 can be configured to detect an output (or input) over-voltage condition via the OVP pin. The pin
features a precision 1.24V threshold with 20 µA (typical) of hysteresis current as shown in Figure 28. When the
OVLO threshold is exceeded, the GATE pin is immediately pulled low and a 20 µA current source provides
hysteresis to the lower threshold of the OVLO hysteretic band.
If the LEDs are referenced to a potential other than ground (floating), as in the buck-boost and buck
configuration, the output voltage (VO) should be sensed and translated to ground by using a single PNP as
shown in Figure 29.
The over-voltage turn-off threshold (VTURN-OFF) is defined:
Ground Referenced
(28)
Floating
(29)
In the ground referenced configuration, the voltage across ROV2 is VO - 1.24 V whereas in the floating
configuration it is VO - 620 mV where 620 mV approximates VBE of the PNP.
The over-voltage hysteresis (VHYSO) is defined:
(30)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3424 LM3424-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com