Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3424 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3424
Description  Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3424 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3424 Datasheet HTML 9Page - Texas Instruments LM3424 Datasheet HTML 10Page - Texas Instruments LM3424 Datasheet HTML 11Page - Texas Instruments LM3424 Datasheet HTML 12Page - Texas Instruments LM3424 Datasheet HTML 13Page - Texas Instruments LM3424 Datasheet HTML 14Page - Texas Instruments LM3424 Datasheet HTML 15Page - Texas Instruments LM3424 Datasheet HTML 16Page - Texas Instruments LM3424 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
RSNS
ILED
RHSP
RHSN
HSN
HSP
High-Side
Sense Amplifier
CSH
1.24V
CCMP
RCSH
COMP
Error Amplifier
VSNS
To PWM
Comparator
LM3424
ITF
Thermal Foldback Current
ICSH
ILED =
RSNS
1.24V
RSNS
VSNS
RCSH
RHSP
=
x
VSNS = 1.24V x
RCSH
RHSP
ICSH =
RHSP
VSNS
LM3424, LM3424-Q1
www.ti.com
SNVS603C – AUGUST 2009 – REVISED AUGUST 2015
Feature Description (continued)
7.3.3 Average LED Current
To first understand how the LM3424 regulates LED current, the thermal foldback functionality will be ignored.
Figure 18 shows the physical implementation of the LED current sense circuitry assuming the thermal foldback
circuitry is a simple current source which, for now, will be set to zero (ITF = 0A). The LM3424 uses an external
current sense resistor (RSNS) placed in series with the LED load to convert the LED current (ILED) into a voltage
(VSNS). The HSP and HSN pins are the inputs to the high-side sense amplifier which are forced to be equal
potential (VHSP=VHSN) through negative feedback. Because of this, the VSNS voltage is forced across RHSP which
generates a current that is summed with the thermal foldback current (ITF) to generate the signal current (ICSH)
which flows out of the CSH pin and through the RCSH resistor. The error amplifier will regulate the CSH pin to
1.24V and assuming ITF = 0A, ICSH can be calculated:
(4)
This means VSNS will be regulated as follows:
(5)
ILED can then be calculated:
(6)
The selection of the three resistors (RSNS, RCSH, and RHSP) is not arbitrary. For matching and noise performance,
the suggested signal current ICSH is approximately 100 µA. This current does not flow in the LEDs and will not
affect either the off-state LED current or the regulated LED current. ICSH can be above or below this value, but
the high-side amplifier offset characteristics may be affected slightly. In addition, to minimize the effect of the
high-side amplifier voltage offset on LED current accuracy, the minimum VSNS is suggested to be 50 mV. Finally,
a resistor (RHSN = RHSP) should be placed in series with the HSN pin to cancel out the effects of the input bias
current (~10 µA) of both inputs of the high-side sense amplifier.
Note that he CSH pin can also be used as a low-side current sense input regulated to 1.24V. The high-side
sense amplifier is disabled if HSP and HSN are tied to GND.
Figure 18. LED Current Sense Circuitry
7.3.4 Thermal Foldback and Analog Dimming
Thermal foldback is necessary in many applications due to the extreme temperatures created in LED
environments. In general, two functions are necessary: a temperature breakpoint (TBK) after which the nominal
operating current needs to be reduced, and a slope corresponding to the amount of LED current decrease per
temperature increase as shown in Figure 19. The LM3424 allows the user to program both the breakpoint and
slope of the thermal foldback profile.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3424 LM3424-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com