Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3424 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LM3424
Description  Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3424 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM3424 Datasheet HTML 35Page - Texas Instruments LM3424 Datasheet HTML 36Page - Texas Instruments LM3424 Datasheet HTML 37Page - Texas Instruments LM3424 Datasheet HTML 38Page - Texas Instruments LM3424 Datasheet HTML 39Page - Texas Instruments LM3424 Datasheet HTML 40Page - Texas Instruments LM3424 Datasheet HTML 41Page - Texas Instruments LM3424 Datasheet HTML 42Page - Texas Instruments LM3424 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
SS
TGAIN
OVP
LM3424
nDIM
VIN
GND
TSENSE
TREF
DDRV
VS
COUT
DAP
GATE
EN
COMP
VIN
CSH
RT/SYNC
IS
HSN
SLOPE
VCC
HSP
D1
L1
CIN
RSLP
CBYP
RLIM
Q1
CCMP
RCSH
RT
CSS
ROV2
ROV1
RUV2
RUV1
RGAIN
NTC
RREF1
RREF2
RBIAS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
RHSP
RHSN
CNTC
1A
ILED
RSNS
RFS
CFS
COV
CREF
Q2
VIN
10V ± 70V
VIN
LM3424, LM3424-Q1
www.ti.com
SNVS603C – AUGUST 2009 – REVISED AUGUST 2015
Typical Applications (continued)
8.2.2 Buck-Boost Application
Figure 39. Buck-Boost Application
8.2.2.1 Design Requirements
N = 6
VLED = 3.5V
rLED = 325 mΩ
VIN = 24V
VIN-MIN = 10V
VIN-MAX = 70V
fSW = 500 kHz
VSNS = 100 mV
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LM3424 LM3424-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com