Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3450MT/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 28Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 29Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 30Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 31Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 32Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 33Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 34Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 35Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LM3450
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
Table 3. Bill of Materials(1) (continued)
Reference Designator
Description
Manufacturer
Part Number
R1
120V
RES 330
Ω 5% 1W 2512
VISHAY
CRCW2512330RJNEG
230V
RES 510
Ω 5% 1W 2512
VISHAY
CRCW2512510RJNEG
R2
120V
RES 430
Ω 5% 1W 2512
VISHAY
CRCW2512430RJNEG
230V
RES 1.6k
Ω 5% 1W 2512
VISHAY
CRCW25121K60JNEG
R3
120V
RES 402k
Ω 1% 0.25W 1206
VISHAY
CRCW1206402KFKEA
230V
RES 953k
Ω 1% 0.25W 1206
VISHAY
CRCW1206953KFKEA
R4
RES 100
Ω 1% 1W 2512
VISHAY
WSL2512100RFKEA
R5
RES 100k
Ω 1% 0.1W 0603
VISHAY
CRCW0603100KFKEA
R6
RES 6.04k
Ω 1% 0.1W 0603
VISHAY
CRCW06036K04FKEA
R7
RES 499k
Ω 1% 0.1W 0603
VISHAY
CRCW0603499KFKEA
R8, R9
RES 49.9k
Ω 1% 0.1W 0603
VISHAY
CRCW060349K9FKEA
R10
RES 20k
Ω 1% 0.1W 0603
VISHAY
CRCW060320K0FKEA
R11
120V
RES 1.00M
Ω 1% 0.25W 1206
VISHAY
CRCW12061M00FKEA
230V
RES 2.00M
Ω 1% 0.25W 1206
VISHAY
CRCW12062M00FKEA
R12
RES 15.0k
Ω 1% 0.1W 0603
VISHAY
CRCW060315K0FKEA
R13
RES 5.11k
Ω 1% 0.1W 0603
VISHAY
CRCW06035K11FKEA
R14a, R14b, R23a, R23b,
RES 1.00
Ω 1% 0.33W 1206
VISHAY
CRCW12061R00FKEA
R23c
R15a, R15b
RES 5.62
Ω 1% 0.25W 1206
VISHAY
CRCW12065R62FKEA
R16
RES 1.00k
Ω 1% 0.125W 0805
VISHAY
CRCW08051K00FKEA
R17
120V
RES 30.1k
Ω 1% 0.1W 0603
VISHAY
CRCW060330K1FKEA
230V
RES 15.0k
Ω 1% 0.1W 0603
VISHAY
CRCW060315K0FKEA
R18
RES 105k
Ω 1% 0.125W 0805
VISHAY
CRCW0805105KFKEA
R19
RES 2.49k
Ω 1% 0.1W 0603
VISHAY
CRCW06035K49FKEA
R20
RES 6.04k
Ω 1% 0.125W 0805
VISHAY
CRCW08056K04FKEA
R21
RES 10.0k
Ω 1% 0.125W 0805
VISHAY
CRCW080510K0FKEA
R22
RES 1.4k
Ω 1% 0.125W 0805
VISHAY
CRCW08051K40FKEA
R24, R25
RES 10k
Ω 1% 0.1W 0603
VISHAY
CRCW060310K0FKEA
R26
120V
RES 2.49k
Ω 1% 0.125W 0805
VISHAY
CRCW08052K49FKEA
230V
RES 4.99k
Ω 1% 0.125W 0805
VISHAY
CRCW08054K99FKEA
R27, R28
120V
RES 5
Ω 10% 3W WIREWOUND
VISHAY
PAC300005008FAC000
230V
RES 10
Ω 10% 3W WIREWOUND
VISHAY
PAC300001009FAC000
R29, R30
RES 4.99k
Ω 1% 0.1W 0603
VISHAY
CRCW06034K99FKEA
R32
RES 909
Ω 1% 0.1W 0603
VISHAY
CRCW0603909RFKEA
OPTO1, OPTO2
OPTO-ISOLATOR SMD
LITE ON
CNY17F-3S
T1
120V
XFORMER 120V 30W OUTPUT 50V
WURTH
750813651
230V
XFORMER 230V 30W OUTPUT 50V
WURTH
750817651
Thermal Protect
see DYNAMIC HOLD section
32
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com