Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3450MT/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3450MT/NOPB Datasheet HTML 2Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 3Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 4Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 5Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 6Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 7Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 8Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 9Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
TEMPERATURE (°C)
140
130
120
110
100
90
-50
-14
22
58
94
130
TEMPERATURE (°C)
25
22
19
16
13
10
-50
-14
22
58
94
130
BIAS High
BIAS Low
TEMPERATURE (°C)
1.505
1.503
1.501
1.499
1.497
1.495
-50
-14
22
58
94
130
TEMPERATURE (°C)
0.510
0.504
0.498
0.492
0.486
0.480
-50
-14
22
58
94
130
TEMPERATURE (°C)
40
36
32
28
24
20
-50
-14
22
58
94
130
TEMPERATURE (°C)
150
146
142
138
134
130
-50
-14
22
58
94
130
LM3450
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
TA=+25°C and VCC = 14V unless otherwise specified
HOLD RDSON vs. Junction Temperature
Leading Edge Blanking vs. Junction Temperature
Figure 2.
Figure 3.
Current Limit Threshold vs. Junction Temperature
Multiplier Gain vs. Junction Temperature
VAC = 3V; VCMP = VTHM + 1.5V
VAC = 3V; VCMP = VTHM + 1.5V
Figure 4.
Figure 5.
Transconductance
BIAS Voltage vs. Junction Temperature
VFB = 2.5V; ΔVFB = 50mV
High @ VCC < VCCFALL; Low @ VCC > VCCRISE
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com