Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3450MT/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3450MT/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3450MT/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM3450MT/NOPB Datasheet HTML 1Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 2Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 3Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 4Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 5Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 6Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 7Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 8Page - Texas Instruments LM3450MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
LM3450
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
Unless otherwise specified VCC = 14V. Specifications in standard type face are for TJ = 25°C and those with boldface type
apply over the full Operating Temperature Range ( TJ = −40°C to +125°C). Typical values represent the most likely
parametric norm at TA = TJ = +25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
SUPPLY VOLTAGE INPUT (VCC)
VCC-RISE
Controller Enable Threshold
VCC Rising
12.2
13.0
13.6
V
VCC-FALL
Controller Disable Threshold
VCC falling
7.4
7.9
8.5
Glitch Filter Delay
9
µs
Turn-on Delay
40
IQ
VCC Quiescent Current
No Switching
1.6
mA
IQ-SD
VCC Shutdown Current
VFB = 0V
515
625
µA
ERROR AMPLIFIER & COMPENSATION (FB, COMP)
VFB
FB Reference (Normal Operation)
2.43
2.50
2.57
V
Input Bias Current
VFB = 2.5V
100
nA
GM
Transconductance
VFB =2.5V
69
115
161
µS
Output Source / Sink Capability
60
85
110
µA
FB Pull-up Current Source
VFB < 1.8V
43
51
59
COMP Pull-up Resistor
5
k
Ω
VCMP-B
COMP Low Threshold (Burst)
VCMP Falling
VTHM -0.08
V
COMP Low Hysteresis
20
VFB-SD
Low Threshold (Shutdown)
VFB Falling
150
168
186
FB Low Hysteresis
20
mV
VFB-EAD
FB Mid Threshold (EA Disabled)
VFB Falling
328
346
368
FB Mid Hysteresis
20
VFB-OV
FB High Threshold (Over-voltage)
1.20 x VFB
1.22 x VFB
V
COMP Pre-bias Source Current
VCMP= 0.5V
415
µA
VTHM
Minimum COMP Voltage (Normal)
1.47
V
ANGLE DEMODULATION & MULTIPLIER (COMP, VAC)
VAC-DET
VAC Angle Detection Threshold
334
356
378
mV
Angle Demodulation Delay Time
Both edges
8
µs
VAC Dynamic Input Voltage Range
0 to 5.5
V
COMP Dynamic Input Voltage Range
VTHM to
VTHM+2
VAC Input Impedance
500
k
Ω
KM
Multiplier Gain (Includes Internal
VAC = 3V, VCMP =
0.5
1/V
Resistor Divider)
VTHM+1.5V
ZERO CURRENT DETECTOR (ZCD)
VZCD-RIS
ZCD Input Threshold
VZCORising
1.45
1.5
1.55
V
Hysteresis
150
200
250
mV
Delay to Output
135
ns
VZCD-H
Positive Clamp Voltage
IZCO = 1mA
6.0
V
VZCD-L
Negative Clamp Voltage
IZCO = –50µA
0.61
PWM COMPARATOR (CS)
VOS
PWM Comparator Input Offset Voltage
30
mV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified and do not imply ensured performance limits. For specified performance limits and associated
test conditions, see the Electrical Characteristics table. All voltages are with respect to the potential at the GND pin, unless otherwise
specified.
(2)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
100% production tested. All limits at temperature extremes are specified via correlation using standard Statistical Quality Control (SQC)
methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
Typical numbers are at 25°C and represent the most likely norm.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com