Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3501 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3501
Description  Synchronous Step-up DC/DC Converter for White LED Applications
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3501 Datasheet(HTML) 1 Page - Texas Instruments

  LM3501 Datasheet HTML 1Page - Texas Instruments LM3501 Datasheet HTML 2Page - Texas Instruments LM3501 Datasheet HTML 3Page - Texas Instruments LM3501 Datasheet HTML 4Page - Texas Instruments LM3501 Datasheet HTML 5Page - Texas Instruments LM3501 Datasheet HTML 6Page - Texas Instruments LM3501 Datasheet HTML 7Page - Texas Instruments LM3501 Datasheet HTML 8Page - Texas Instruments LM3501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
GND
FB
VSW
VIN
SHDN
L
22 PH
LM3501-16
VOUT
AGND
A1
CNTRL
C3
B1
C1
C2
B3
A2
A3
<0.3V
>1.1V
VIN
2.7V - 5.5V
Voltage
Control
R2
24:
COUT
1PF
Ceramic
CIN
1PF
Ceramic
LM3501
www.ti.com
SNVS230C – DECEMBER 2003 – REVISED MAY 2013
LM3501 Synchronous Step-up DC/DC Converter for White LED Applications
Check for Samples: LM3501
1
FEATURES
APPLICATIONS
2
•
Synchronous Rectification, High Efficiency
•
LCD Bias Supplies
and no External Schottky Diode required
•
White LED Back-Lighting
•
Uses Small Surface Mount Components
•
Handheld Devices
•
Can Drive 2-5 White LEDs in Series (May
•
Digital Cameras
Function with More Low VF LEDs)
•
Portable Applications
•
2.7V to 7V Input Range
•
True Shutdown Isolation, no LED Leakage
DESCRIPTION
Current
The LM3501 is a fixed-frequency step-up DC/DC
converter that is ideal for driving white LEDs for
•
DC Voltage LED Current Control
display backlighting and other lighting functions. With
•
Input Undervoltage Lockout
fully integrated synchronous switching (no external
•
Internal Output Over-Voltage Protection (OVP)
schottky diode required) and a low feedback voltage
Circuitry, with no External Zener Diode
(515 mV), power efficiency of the LM3501 circuit has
Required LM3501-16: 15.5V OVP; LM3501-21:
been optimized for lighting applications in wireless
phones and other portable products (single cell Li-Ion
20.5V OVP.
or 3-cell NiMH battery supplies). The LM3501
•
Requires Only a Small 16V (LM3501-16) or 25V
operates with a fixed 1 MHz switching frequency.
(LM3501-21) Ceramic Capacitor at the Input
When used with ceramic input and output capacitors,
and Output
the LM3501 provides a small, low-noise, low-cost
•
Thermal Shutdown
solution.
•
0.1µA shutdown Current
•
Small 8-Bump Thin DSBGA Package
Typical Application Circuit
Figure 1. Typical 3 LED Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3501 TI1-LM3501 Datasheet
1Mb / 26P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI2-LM3501 Datasheet
954Kb / 26P
LM3501 Synchronous Step-up DC/DC Converter for White LED Applications
REVISED MAY 2013
logo
National Semiconductor ...
LM3501TL-16 NSC-LM3501TL-16 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3501TL-16/NOPB TI2-LM3501TL-16/NOPB Datasheet
954Kb / 26P
LM3501 Synchronous Step-up DC/DC Converter for White LED Applications
REVISED MAY 2013
More results

Similar Description - LM3501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3500 NSC-LM3500 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
DC-DC Step-Up Converter for White LED
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
Step Up Type DC/DC Converter for White LED
logo
SYNC POWER Crop.
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
DC-DC Step-Up Converter for White LED
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com