Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3501 Datasheet (PDF) - Texas Instruments

LM3501 Datasheet PDF - Texas Instruments
Part # LM3501
Download  LM3501 Download
File Size   954.92 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3501 Synchronous Step-up DC/DC Converter for White LED Applications

LM3501 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3501 Datasheet PDF - Texas Instruments

Part # LM3501
Download  LM3501 Click to download

File Size   954.92 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3501 Synchronous Step-up DC/DC Converter for White LED Applications

LM3501 Datasheet (HTML) - Texas Instruments


LM3501 Product details

1FEATURES
2• Synchronous Rectification, High Efficiency
and no External Schottky Diode required
• Uses Small Surface Mount Components
• Can Drive 2-5 White LEDs in Series (May
Function with More Low VF LEDs)
• 2.7V to 7V Input Range
• True Shutdown Isolation, no LED Leakage
Current
• DC Voltage LED Current Control
• Input Undervoltage Lockout
• Internal Output Over-Voltage Protection (OVP)
Circuitry, with no External Zener Diode
Required LM3501-16: 15.5V OVP; LM3501-21:
20.5V OVP.
• Requires Only a Small 16V (LM3501-16) or 25V
(LM3501-21) Ceramic Capacitor at the Input
and Output
• Thermal Shutdown
• 0.1μA shutdown Current
• Small 8-Bump Thin DSBGA Package

APPLICATIONS
• LCD Bias Supplies
• White LED Back-Lighting
• Handheld Devices
• Digital Cameras
• Portable Applications

DESCRIPTION
The LM3501 is a fixed-frequency step-up DC/DC
converter that is ideal for driving white LEDs for
display backlighting and other lighting functions. With fully integrated synchronous switching (no external
schottky diode required) and a low feedback voltage
(515 mV), power efficiency of the LM3501 circuit has
been optimized for lighting applications in wireless
phones and other portable products (single cell Li-Ion
or 3-cell NiMH battery supplies). The LM3501
operates with a fixed 1 MHz switching frequency. When used with ceramic input and output capacitors,
the LM3501 provides a small, low-noise, low-cost
solution.




Similar Part No. - LM3501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3501 TI1-LM3501 Datasheet
1Mb / 26P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
National Semiconductor ...
LM3501TL-16 NSC-LM3501TL-16 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3501TL-16/NOPB TI1-LM3501TL-16/NOPB Datasheet
1Mb / 27P
Synchronous Step-up DC/DC Converter for White LED Applications
More results


Similar Description - LM3501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3500 NSC-LM3500 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
Synchronous Step-up DC/DC Converter for White LED Applications
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071 Datasheet
369Kb / 15P
White LED DC/DC Step-Up Converter
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
DC-DC Step-Up Converter for White LED
SP1938 SYNC-POWER-SP1938 Datasheet
171Kb / 6P
DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
DC-DC Step-Up Converter for White LED
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
Synchronous Step-up DC/DC Converter for White LED Applications
LM3500 TI1-LM3500 Datasheet
1Mb / 26P
LM3500 Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
Synchronous Step-up DC/DC Converter for White LED Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com