Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3501 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3501
Description  LM3501 Synchronous Step-up DC/DC Converter for White LED Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3501 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3501 Datasheet HTML 2Page - Texas Instruments LM3501 Datasheet HTML 3Page - Texas Instruments LM3501 Datasheet HTML 4Page - Texas Instruments LM3501 Datasheet HTML 5Page - Texas Instruments LM3501 Datasheet HTML 6Page - Texas Instruments LM3501 Datasheet HTML 7Page - Texas Instruments LM3501 Datasheet HTML 8Page - Texas Instruments LM3501 Datasheet HTML 9Page - Texas Instruments LM3501 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LM3501
SNVS230C – DECEMBER 2003 – REVISED MAY 2013
www.ti.com
Electrical Characteristics (continued)
Specifications in standard type face are for TA = 25°C and those in boldface type apply over the Operating Temperature
Range of TA = −10°C to +85°C. Unless otherwise specified VIN = 2.7V and specifications apply to both LM3501-16 and
LM3501-21.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
IVout
VOUT Bias Current
VOUT = 15V, SHDN = 1.5V
260
400
(LM3501-16)
µA
VOUT Bias Current
VOUT = 20V, SHDN = 1.5V
300
460
(LM3501-21)
IVL
PMOS Switch Leakage Current
VOUT = 15V, VSW = 0V
0.01
3
(LM3501-16)
µA
PMOS Switch Leakage Current
VOUT = 20V, VSW = 0V
0.01
3
(LM3501-21)
CNTRL
LED power off
75
mV
Threshold
LED power on
125
SHDN
SHDN low
0.65
0.3
V
Threshold
SHDN High
1.1
0.65
Specifications in standard type face are for TJ = 25°C and those in boldface type apply over the full Operating Temperature
Range (TJ = −40°C to +125°C). Unless otherwise specified VIN =2.7V and specifications apply to both LM3501-16 and
LM3501-21.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
IQ
Quiescent Current, Device Not
FB > 0.54V
0.95
1.2
Switching
mA
Quiescent Current, Device
FB = 0V
2
2.5
Switching
Shutdown
SHDN = 0V
0.1
2
µA
VFB
Feedback Voltage
CNTRL = 2.7V, VIN = 2.7V to 7V
0.485
0.515
0.545
V
CNTRL = 1V, VIN = 2.7V to 7V
0.14
0.19
0.24
ΔVFB
Feedback Voltage Line Regulation
VIN = 2.7V to 7V
0.1
0.5
%/V
ICL
Switch Current Limit
VIN = 3.0V,
400
(LM3501-16)
Duty Cycle = 70%
mA
Switch Current Limit
VIN = 3.0V,
670
(LM3501-21)
Duty Cycle = 63%
IB
FB Pin Bias Current
FB = 0.5V (3)
45
200
nA
VIN
Input Voltage Range
2.7
7.0
V
RDSON
NMOS Switch RDSON
VIN = 2.7V, ISW = 300 mA
0.43
Ω
PMOS Switch RDSON
VOUT = 6V, ISW = 300 mA
1.3
2.3
DLimit
Duty Cycle Limit
FB = 0V
87
(LM3501-16)
%
Duty Cycle Limit
FB = 0V
94
(LM3501-21)
FSW
Switching Frequency
0.8
1.0
1.2
MHz
ISD
SHDN Pin Current (4)
SHDN = 5.5V
1.8
4
SHDN = 2.7V
1
2.5
µA
SHDN = GND
0.1
(1)
All limits specified at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are
production tested, specified through statistical analysis or specified by design. All limits at temperature extremes are specified via
correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level
(AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
Feedback current flows out of the pin.
(4)
Current flows into the pin.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM3501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com