Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3501 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3501
Description  LM3501 Synchronous Step-up DC/DC Converter for White LED Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3501 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3501 Datasheet HTML 8Page - Texas Instruments LM3501 Datasheet HTML 9Page - Texas Instruments LM3501 Datasheet HTML 10Page - Texas Instruments LM3501 Datasheet HTML 11Page - Texas Instruments LM3501 Datasheet HTML 12Page - Texas Instruments LM3501 Datasheet HTML 13Page - Texas Instruments LM3501 Datasheet HTML 14Page - Texas Instruments LM3501 Datasheet HTML 15Page - Texas Instruments LM3501 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
T
1
LM3501
SNVS230C – DECEMBER 2003 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
PMOS RDSON
vs.
Temperature
Typical VIN Ripple
3 LEDs, RLED = 22Ω, VIN = 3.0V, CNTRL = 2.7V
1) SW, 10 V/div, DC
3) IL, 100 mA/div, DC
4) VIN, 100 mV/div, AC
T = 250 ns/div
Figure 27.
Figure 28.
Start-Up (LM3501-16)
SHDN Pin Duty Cycle Control Waveforms
3 LEDs, RLED = 22Ω, VIN = 3.0V, CNTRL = 2.7V
LM3501-16, 3 LEDs, RLED = 22Ω, VIN = 3.0V, SHDN frequency = 200
Hz
1) SHDN, 1 V/div, DC
1) SHDN, 1 V/div, DC
2) IL, 100 mA/div, DC
2) IL, 100 mA/div, DC
3) ILED, 20 mA/div, DC
3) ILED, 20 mA/div, DC
T = 100 µs/div
4) VOUT, 10 V/div, DC
T = 1 ms/div
Figure 29.
Figure 30.
Typical VOUT Ripple, OVP Functioning (LM3501-16)
Typical VOUT Ripple, OVP Functioning (LM3501-21)
VOUT open circuit and equals approximately 15V DC, VIN = 3.0V
VOUT open circuit and equals approximately 20V DC, VIN = 3.0V
3) VOUT, 200 mV/div, AC
1) VOUT, 200 mV/div, AC
T = 1 ms/div
T = 400 µs/div
Figure 31.
Figure 32.
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM3501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com