Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3501 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3501
Description  LM3501 Synchronous Step-up DC/DC Converter for White LED Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3501 Datasheet(HTML) 4 Page - Texas Instruments

  LM3501 Datasheet HTML 1Page - Texas Instruments LM3501 Datasheet HTML 2Page - Texas Instruments LM3501 Datasheet HTML 3Page - Texas Instruments LM3501 Datasheet HTML 4Page - Texas Instruments LM3501 Datasheet HTML 5Page - Texas Instruments LM3501 Datasheet HTML 6Page - Texas Instruments LM3501 Datasheet HTML 7Page - Texas Instruments LM3501 Datasheet HTML 8Page - Texas Instruments LM3501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM3501
SNVS230C – DECEMBER 2003 – REVISED MAY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2)
VIN
−0.3V to 7.5V
VOUT (LM3501-16)
(3)
−0.3V to 16V
VOUT (LM3501-21)
(3)
−0.3V to 21V
VSW
(3)
−0.3V to VOUT+0.3V
FB Voltage
−0.3V to 7.5V
SHDN Voltage
−0.3V to VIN+0.3V
CNTRL
−0.3V to 7.5V
Maximum Junction Temperature
150°C
Lead Temperature
(Soldering 10 sec.)
300°C
Vapor Phase
(60 sec.)
215°C
Infrared
(15 sec.)
220°C
ESD Ratings (4)
Human Body Model
2kV
Machine Model
200V
(1)
Absolute maximum ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions for which the
device is intended to be functional, but device parameter specifications may not be specified. For specifications and test conditions, see
the Electrical Characteristics.
(2)
Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
This condition applies if VIN < VOUT. If VIN > VOUT, a voltage greater than VIN + 0.3V should not be applied to the VOUT or VSW pins.
(4)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin.
Operating Conditions
Junction Temperature
(1)
−40°C to +125°C
Supply Voltage
2.7V to 7V
CNTRL Max.
2.7V
(1)
The maximum allowable power dissipation is a function of the maximum operating junction temperature, TJ(MAX), the junction-to-ambient
thermal resistance,
θJA, and the ambient temperature, TA. See the Thermal Properties section for the thermal resistance. The maximum
allowable power dissipation at any ambient temperature is calculated using: PD (MAX) = (TJ(MAX) − TA)/θJA. Exceeding the maximum
allowable power dissipation will cause excessive die temperature.
Thermal Properties
Junction to Ambient Thermal Resistance (
θJA)
(1)
75°C/W
(1)
Junction-to-ambient thermal resistance (
θJA) is highly application and board-layout dependent. The 75ºC/W figure provided was
measured on a 4-layer test board conforming to JEDEC standards. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues when designing the board layout.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM3501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com