Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3528 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3528
Description  High Efficiency, Multi Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3528 Datasheet(HTML) 2 Page - Texas Instruments

  LM3528 Datasheet HTML 1Page - Texas Instruments LM3528 Datasheet HTML 2Page - Texas Instruments LM3528 Datasheet HTML 3Page - Texas Instruments LM3528 Datasheet HTML 4Page - Texas Instruments LM3528 Datasheet HTML 5Page - Texas Instruments LM3528 Datasheet HTML 6Page - Texas Instruments LM3528 Datasheet HTML 7Page - Texas Instruments LM3528 Datasheet HTML 8Page - Texas Instruments LM3528 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
A1
A2
B1
B2
B3
Top View
A3
C2
C1
C3
D2
D1
D3
LM3528
SNVS513B – AUGUST 2008 – REVISED MAY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION (CONTINUED)
Output over-voltage protection shuts down the device if VOUT rises above 22V allowing for the use of small sized
low voltage output capacitors. Other features include a dedicated general purpose I/O (GPIO) and a multi-
function pin (HWEN/PGEN/GPIO) which can be configured as a 32 bit pattern generator, a hardware enable
input, or as a GPIO. When configured as a pattern generator, an arbitrary pattern is programmed via the I2C
compatible interface and output at HWEN/PGEN/GPIO for indicator LED flashing or for external logic control.
The LM3528 is offered in a tiny 12-bump DSBGA package and operates over the -40°C to +85°C temperature
range.
Connection Diagram
Figure 3. 12-Bump (1.215mm × 1.615mm × 0.6mm) YFQ0012
PIN DESCRIPTIONS
Pin
Name
Function
A1
OVP
Over-Voltage Protection Sense Connection. Connect OVP to the positive terminal of the output
capacitor.
A2
MAIN
Main Current Sink Input.
A3
SUB/FB
Secondary Current Sink Input or 1.21V Feedback Connection for Constant Voltage Output.
B1
GPIO1
Programmable General Purpose I/O.
B2
SCL
Serial Clock Input
B3
SET
LED Current Setting Connection. Connect a resistor from SET to GND to set the maximum LED
current into MAIN or SUB/FB (when in LED mode), where ILED_MAX = 192×1.244V/RSET.
C1
HWEN/PGEN/GPI
Active High Hardware Enable Input. Programmable Pattern Generator Output, and Programmable
O
General Purpose I/O.
C2
SDA
Serial Data Input/Output
C3
IN
Input Voltage Connection. Connect IN to the input supply, and bypass to GND with a 1µF ceramic
capacitor.
D1
VIO
Logic Voltage Level Input
D2
SW
Drain Connection for Internal NMOS Switch
D3
GND
Ground
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com