Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3528 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3528
Description  High Efficiency, Multi Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3528 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3528 Datasheet HTML 9Page - Texas Instruments LM3528 Datasheet HTML 10Page - Texas Instruments LM3528 Datasheet HTML 11Page - Texas Instruments LM3528 Datasheet HTML 12Page - Texas Instruments LM3528 Datasheet HTML 13Page - Texas Instruments LM3528 Datasheet HTML 14Page - Texas Instruments LM3528 Datasheet HTML 15Page - Texas Instruments LM3528 Datasheet HTML 16Page - Texas Instruments LM3528 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
IOUT_MAX =
VOUT
(IPEAK
'IL) u K u VIN
'IL =
VIN u (VOUT
VIN)
2 u fSW u L u VOUT
where
LM3528
www.ti.com
SNVS513B – AUGUST 2008 – REVISED MAY 2013
Adaptive Regulation
When biasing dual white led strings (White LED mode) the LM3528 maximizes efficiency by adaptively regulating
the output voltage. In this configuration the 500mV reference is connected to the non-inverting input of the error
amplifier via mux S2 (see Figure 37). The lowest of either VMAIN or VSUB/FB is then applied to the inverting input of
the error amplifier via mux S1. This ensures that VMAIN and VSUB/FB are at least 500mV, thus providing enough
voltage headroom at the input to the current sinks for proper current regulation.
In the instance when there are unequal numbers of LEDs or unequal currents from string to string, the string with
the highest voltage will be the regulation point.
Unison/Non-Unison Mode
Within White LED mode there are two separate modes of operation, Unison and Non-Unison. Non-Unison mode
provides for independent current regulation, while Unison mode gives up independent regulation for more
accurate matching between LED strings. When in Non-Unison mode the LED currents IMAIN and ISUB/FB are
independently controlled via registers BMAIN and BSUB respectively (see Brightness Registers (BMAIN and
BSUB) section). When in Unison mode BSUB is disabled and both IMAIN and ISUB/FB are controlled via BMAIN
only.
Start-Up
The LM3528 features an internal soft-start, preventing large inrush currents during start-up that can cause
excessive voltage ripple on the input. For the typical application circuits when the device is brought out of
shutdown the average input current ramps from zero to 450mA in approximately 1.2ms. See Start Up Plots in the
Typical Performance Characteristics.
OLED Mode
When the LM3528 is configured for a single White LED bias + OLED display bias (OLED mode), the non-
inverting input of the error amplifier is connected to the internal 1.21V reference via MUX S2. MUX S1 switches
SUB/FB to the inverting input of the error amplifier while disconnecting the internal current sink at SUB/FB. The
voltage at MAIN is not regulated in OLED mode so when the application requires white LED + OLED panel
biasing, ensure that at least 300mV of headroom is maintained at MAIN to ensure proper regulation of IMAIN. (see
the Typical Performance Characteristics for a plot of ILED vs Current Source Headroom Voltage)
Peak Current Limit
The LM3528’s boost converter has a peak current limit for the internal power switch of 770mA typical (650mA
minimum). When the peak switch current reaches the current limit the duty cycle is terminated resulting in a limit
on the maximum output current and thus the maximum output power the LM3528 can deliver. Calculate the
maximum LED current as a function of VIN, VOUT, L and IPEAK as:
(1)
ƒSW = 1.27MHz. Typical values for efficiency and IPEAK can be found in the efficiency and IPEAK curves in the
Typical Performance Characteristics.
Over Voltage Protection
The LM3528's output voltage (VOUT) is limited on the high end by the Output Over-Voltage Protection Threshold
(VOVP) of 21.2V (min). In White LED mode during output open circuit conditions the output voltage will rise to the
over voltage protection threshold. When this happens the controller will stop switching causing VOUT to droop.
When the output voltage drops below 19.7V (min) the device will resume switching. If the device remains in an
over voltage condition the LM3528 will repeat the cycle causing the output to cycle between the high and low
OVP thresholds. See waveform for OVP condition in the Typical Performance Characteristics.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com