Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3528 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM3528
Description  High Efficiency, Multi Display LED Driver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3528 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3528 Datasheet HTML 17Page - Texas Instruments LM3528 Datasheet HTML 18Page - Texas Instruments LM3528 Datasheet HTML 19Page - Texas Instruments LM3528 Datasheet HTML 20Page - Texas Instruments LM3528 Datasheet HTML 21Page - Texas Instruments LM3528 Datasheet HTML 22Page - Texas Instruments LM3528 Datasheet HTML 23Page - Texas Instruments LM3528 Datasheet HTML 24Page - Texas Instruments LM3528 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data
Direction
Bit 0
Data
Bit 1
1
Bit 2
1
Bit 3
1
Bit 4
1
Bit 5
1
Bit 7
1
Bit 6
MSB
LSB
GPIO Register
Register Address 0x81
Power On Reset = 0xFC
HWEN
Enable/
Disable
Bit 0
Frequency
Selection
Bit 7
MSB
LSB
HWEN/PGENGPIO Register
Register Address 0x80
Power On Reset = 0x01
Frequency
Selection
Bit 6
Duty Cycle
Selection
Bit 5
Duty Cycle
Selection
Bit 4
GPIO
Data
Bit 2
Duty Cycle
Selection
Bit 3
GPIO
Data
Direction
Bit 1
LM3528
www.ti.com
SNVS513B – AUGUST 2008 – REVISED MAY 2013
Table 6. HPG Register Function
Bits 5 - 3 (PGEN
Bits 7 – 6
Bit 2
Bit 1 (GPIO
Bit 0
Enable/Disable and
(PGEN Bit
(GPIO
Data
(HWEN
Function
Duty Cycle
Period)
Data)
Direction)
Control)
Selection)
X
X
X
X
0
HWEN/PGEN/GPIO is configured as an active high
Hardware Enable Input (HWEN)
X
X
1
HWEN/PGEN/GPIO is configured as a Pattern Generator
00 = 1.6µs/bit 001 = 100%
Output with the frequency set by bits <7:6> and the duty
(625kHz)
010 = 1/2
cycle set by bits <5:3>. (See Figure 46.)
01 = 26ms/bit 011 = 1/3
(38Hz)
100 = 1/4
10 = 52ms/bit
101 = 1/6
(19Hz)
110 = 1/12
11 = 105ms/bit
(9.5Hz)
111 = Latch Pattern
(1)
Into Shift Register
(2)
X
000
GPIO
1
1
HWEN/PGEN/GPIO is configured as a GPIO Input. Read
Read Data
data from bit 2.
X
000
GPIO
0
1
HWEN/PGEN/GPIO is configured as a GPIO Output. A ‘1’
Write Data
written to bit 2 will force HWEN/PGEN/GPIO high; a 0
written to bit 2 will force HWEN/PGEN/GPIO low.
(1)
This represents the amount of time each programmed bit will be present at HWEN/PGEN/GPIO. The entire pattern period will be 32 ×
Bit Period.
(2)
This duty cycle indicates the fraction of time the pattern is being output at HWEN/PGEN/GPIO. For example the 1/2 duty cycle (bits
<5:3> = 010) will have the 32 bit pattern output once followed by a dead time (HWEN/PGEN/GPIO high impedance) equal to 1×’s the
pattern period (Deadtime = 32 × Bit_Period × (1/DutyCycle -1). For the 100% duty cycle setting the 32 bit pattern will repeat constantly
with no deadtime.
Figure 45. HPG Register Description
Table 7. GPIO Register Function
Bits 7 - 2
GPIO Data (Bit 1)
Data Direction (Bit 0)
Function
X
X
0
GPIO is configured as a GPIO
input with the input data read
back via bit [1]. This is the default
power on state.
X
X
1
GPIO is configured as a logic
output. The output logic voltage
is written to bit [1].
Figure 46. GPIO Register Description
Figure 47 – Figure 50 detail the Pattern Generator Data Registers. These hold the 32 bit data that is output at
HWEN/PGEN/GPIO in PGEN mode. The data is output LSB first (Bit 0 of PGEN0) and MSB last (Bit 7 of
PGEN3).
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com