Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3550 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 2 Page - Texas Instruments

  LM3550 Datasheet HTML 1Page - Texas Instruments LM3550 Datasheet HTML 2Page - Texas Instruments LM3550 Datasheet HTML 3Page - Texas Instruments LM3550 Datasheet HTML 4Page - Texas Instruments LM3550 Datasheet HTML 5Page - Texas Instruments LM3550 Datasheet HTML 6Page - Texas Instruments LM3550 Datasheet HTML 7Page - Texas Instruments LM3550 Datasheet HTML 8Page - Texas Instruments LM3550 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Bottom View
Die-Attach
Pad (DAP)
GND
2
3
4
5
1
14
13
12
11
15
Top View
Die-Attach
Pad (DAP)
GND
2
3
4
5
1
14
13
12
11
15
LM3550
SNVS569B – MAY 2009 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM3550 can be configured to utilize a proprietary super-capacitor charging scheme (Optimal Charge Mode),
allowing faster charging times (0 to Target Voltage) and lower current-source power dissipation. Optimal Charge
Mode adapts to changes in the flash LEDs forward voltage as well as the super-capacitor's ESR ensuring that
the super-capacitor is charged to the ideal voltage required to sustain constant current-flash operation.
The LED current and Flash pulse duration of the LM3550 can be programmed via an I2C-compatible interface.
The STROBE pin allows the Flash to be toggled via a flash-enable signal from a camera module. The EOC pin
sinks current when the output voltage reaches 95% of the final value.
The ALD/TEMP input pin allows either a light sensor to adjust the flash-current level based on the ambient light
conditions, or it allows for over-temperature detection and protection of the LED during high-power operation or
high ambient-temperature conditions by connecting an NTC thermistor temperature monitoring circuit to the pin.
Connection Diagram
PIN DESCRIPTIONS
Pin #
Name
Description
14
VIN
Input voltage connection. A 1 µF ceramic capacitor is required from VIN to GND.
Charge pump output. A 1 µF ceramic capacitor is required from VOUT to GND. Connect the Flash LED
1
VOUT
anodes and Super-Capacitor to this pin.
20
C1+
18
C1-
Flying capacitor pins. 1 µF ceramic capacitor should be connected from C1+ to C1
− and C2+ to C2−.
15
C2+
16
C2-
3
LED-
Regulated current sink input, for Torch Mode.
4
FET_CON
External FET controller. Connect gate of flash NFET to this pin.
5
FB
Programmable Feedback Voltage pin.
10
SCL
I2C Serial Clock pin.
8
SDA
I2C Serial Data I/O pin.
13
IND
Indicator LED Current Source. Drives one red LED with a 5 mA current.
End-of-charge output/ flash ready. The EOC pin will transition from high to low when an end of charge
6
EOC
state has been reached
Manual Flash enable pin. The Strobe pin can be configured to be rising edge sensitive with the flash
11
STROBE
timing controlled internally, or level sensitive with the flash timing being controlled externally.
2
BAL
Super-capacitor active Balance pin.
Ambient Light Sensor or Temperature Monitoring pin. For ambient light sensing, connect a light sensor /
12
ALD/TEMP
photo-diode and a resistor to this pin. For temperature monitoring, connect a NTC thermistor from VCC to
the NTC pin and a resistor from the NTC pin to ground.
7,9,17,19, DAP
GND
Ground pins. These pins should be connected directly to a low impedance ground plane.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com