Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3550 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3550 Datasheet HTML 3Page - Texas Instruments LM3550 Datasheet HTML 4Page - Texas Instruments LM3550 Datasheet HTML 5Page - Texas Instruments LM3550 Datasheet HTML 6Page - Texas Instruments LM3550 Datasheet HTML 7Page - Texas Instruments LM3550 Datasheet HTML 8Page - Texas Instruments LM3550 Datasheet HTML 9Page - Texas Instruments LM3550 Datasheet HTML 10Page - Texas Instruments LM3550 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
VIN (V)
100
90
80
70
60
50
40
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TA = +85°C
IOUT = 200 mA, 4.5V Fixed Voltage Mode
TA = -30°C and +25°C
VIN (V)
0.50
0.45
0.40
0.35
0.30
0.25
0.20
2.7
3.3
3.8
4.4
4.9
5.5
TA = +85°C
IOUT = 200 mA, 5.3V Fixed Voltage Mode
TA = -30°C
TA = +25°C
VIN (V)
100
90
80
70
60
50
40
3.0
3.5
4.0
4.5
5.0
5.5
TA = +85°C
IOUT = 200 mA, 5.3V Fixed Voltage Mode
TA = -30°C and +25°C
VIN (V)
100
90
80
70
60
50
40
3.0
3.5
4.0
4.5
5.0
5.5
TA = +85°C
IOUT = 200 mA, 5.0V Fixed Voltage Mode
TA = -30°C and +25°C
VOUT (V)
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
VIN = 5.5V
VIN = 4.2V
VIN = 2.7V
VIN = 3.0V
VIN = 3.6V
VOUT (V)
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0.00
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
TA = -30°C
TA = +85°C
TA = +25°C
LM3550
www.ti.com
SNVS569B – MAY 2009 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified: TA = 25°C; VIN = 3.6V; CIN = 4. 7 µF, COUT = 2.2 µF, C1 = C2 = 1 µF. Super-Capacitor = 0.5F
TDK EDLC272020-501-2F-50,
Input Current Limit
Input Current Limit
vs.
vs.
Output Voltage
Output Voltage
Tri-Temp
Figure 9.
Figure 10.
Converter Efficiency
Converter Efficiency
vs.
vs.
Input Voltage
Input Voltage
5.3V Mode
5.0V Mode
Figure 11.
Figure 12.
Converter Efficiency
Input Current
vs.
vs.
Input Voltage
Input Voltage
4.5V Mode
5.3V Mode
Figure 13.
Figure 14.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3550



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com