Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3550 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3550
Description  5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3550 Datasheet(HTML) 1 Page - Texas Instruments

  LM3550 Datasheet HTML 1Page - Texas Instruments LM3550 Datasheet HTML 2Page - Texas Instruments LM3550 Datasheet HTML 3Page - Texas Instruments LM3550 Datasheet HTML 4Page - Texas Instruments LM3550 Datasheet HTML 5Page - Texas Instruments LM3550 Datasheet HTML 6Page - Texas Instruments LM3550 Datasheet HTML 7Page - Texas Instruments LM3550 Datasheet HTML 8Page - Texas Instruments LM3550 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
CIN
COUT
VIN
VOUT
C1+
C1-
C2+
C2-
C1
C2
BAL
FET_CON
LED-
FB
SCL
SDA
STROBE
IND
VIO
LM3550
GND
4.7 PF
2.2 PF
1 PF
1 PF
ALD/TEMP
C1 = C2 = 1 PF, CIN = 4.7 PF, COUT = 2.2 PF
10V X5R or X7R
Super-
Capacitor
2.7V to 5.5V
RSENSE
EOC
NTC
4.2 mm
3 mm
Current Source
Super-Capacitor
Charger
LM3550
www.ti.com
SNVS569B – MAY 2009 – REVISED MAY 2013
LM3550 5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera
Systems
Check for Samples: LM3550
1
FEATURES
2
•
Up to 5A Flash Current
•
Flash Time-Out Protection
•
4 Selectable Super-Capacitor Charge Voltage
•
LED Temperature Protection or Ambient Light
Levels (4.5V, 5.0V, 5.3V, Optimized)
Sensing Pin
•
Flash Optimized Charge Mode for Optimal
•
Low Profile 20-Pin UQFN Package (3.0 mm ×
Efficiency
2.5 mm × 0.8 mm)
–
33% Faster Charge Time Using Optimal
APPLICATIONS
Mode
•
Camera Phones
–
49% Less Power Dissipated in Current
Source using Optimal Charge Mode
•
Digital Still Camera
•
Fast Super-Capacitor Charger with 500 mA
•
Voltage Rail Management
Input Current Limit
DESCRIPTION
•
Adjustable Torch Current (60 mA to 200 mA)
LM3550 is a low-noise, switched-capacitor DC/DC
•
Ambient Light or LED Thermal Sensing with
converter designed to operate as a current-limited
Current Scaleback
and adjustable (up to 5.3V) super-capacitor charger.
•
End-of-Charge Output (EOC)
LM3550
features
user-selectable
super-capacitor
•
Dedicated Indicator LED Current Source
charge-termination voltages and an optimal charge-
termination
mode
that
maximizes
flash-energy
•
No Inductor Required
efficiency by accounting for flash element losses.
•
Manual Flash Enable via Strobe Pin Input
Additionally, the device provides one adjustable
•
Programmable Flash Pulse Duration, and
constant current output (up to 200 mA) and one
Torch and Flash Currents via I2C-compatible
NFET controller ideal for driving one or more high-
Interface
current LEDs either in a high-power flash mode or a
low-power torch mode.
•
True Shutdown (LED Disconnect)
Typical Application Circuit
Figure 1.
Figure 2. Solution Size
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3550 TI1-LM3550 Datasheet
1Mb / 29P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
LM3550 TI2-LM3550 Datasheet
878Kb / 43P
LM3550 5-A Super-Capacitor Flash LED Driver
REVISED OCTOBER 2016
LM3550SP TI1-LM3550SP Datasheet
1Mb / 29P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
LM3550SP/NOPB TI2-LM3550SP/NOPB Datasheet
878Kb / 43P
LM3550 5-A Super-Capacitor Flash LED Driver
REVISED OCTOBER 2016
LM3550SP/NOPB.A TI2-LM3550SP/NOPB.A Datasheet
878Kb / 43P
LM3550 5-A Super-Capacitor Flash LED Driver
REVISED OCTOBER 2016
More results

Similar Description - LM3550

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685 SIPEX-SP6685 Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
Flash LED Driver for mobile phone with camera
logo
Texas Instruments
LM3550 TI1-LM3550 Datasheet
1Mb / 29P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
logo
Asahi Kasei Microsystem...
AP2061 AKM-AP2061 Datasheet
1Mb / 24P
2.0A High-side LED Driver for Camera Flash with I2C
logo
ams AG
AS1117 AMSCO-AS1117 Datasheet
1Mb / 24P
64 LED Driver for Mobile Applications with Error Detection
logo
Asahi Kasei Microsystem...
AP2061AEC AKM-AP2061AEC Datasheet
1Mb / 29P
2.0A High-side LED Driver for Camera Flash with I2C
AP2063AEC AKM-AP2063AEC Datasheet
1Mb / 27P
2.0A High-side LED Driver for Camera Flash with I2C
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
logo
Rohm
BD6164GUT ROHM-BD6164GUT Datasheet
558Kb / 21P
320mA LED Camera Flash Driver
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com