Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3559 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 2 Page - Texas Instruments

  LM3559 Datasheet HTML 1Page - Texas Instruments LM3559 Datasheet HTML 2Page - Texas Instruments LM3559 Datasheet HTML 3Page - Texas Instruments LM3559 Datasheet HTML 4Page - Texas Instruments LM3559 Datasheet HTML 5Page - Texas Instruments LM3559 Datasheet HTML 6Page - Texas Instruments LM3559 Datasheet HTML 7Page - Texas Instruments LM3559 Datasheet HTML 8Page - Texas Instruments LM3559 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
LM3559
SNVS624B – JUNE 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
I2C Timing Requirements (SCL, SDA)...................... 6
7
Typical Characteristics.......................................... 7
8
Detailed Description ............................................ 11
8.1
Overview ................................................................. 11
8.2
Functional Block Diagram ....................................... 12
8.3
Feature Description................................................. 13
8.4
Device Functional Modes........................................ 20
8.5
Programming........................................................... 25
8.6
Register Maps ......................................................... 27
9
Application and Implementation ........................ 36
9.1
Application Information............................................ 36
9.2
Typical Applications ................................................ 36
10
Power Supply Recommendations ..................... 41
11
Layout................................................................... 42
11.1
Layout Guidelines ................................................. 42
11.2
Layout Example .................................................... 43
12
Device and Documentation Support ................. 44
12.1
Device Support...................................................... 44
12.2
Documentation Support ........................................ 44
12.3
Receiving Notification of Documentation Updates 44
12.4
Community Resources.......................................... 44
12.5
Trademarks ........................................................... 44
12.6
Electrostatic Discharge Caution ............................ 44
12.7
Glossary ................................................................ 44
13
Mechanical, Packaging, and Orderable
Information ........................................................... 44
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (May 2013) to Revision B
Page
•
Added Device Information and Pin Configuration and Functions sections, ESD Ratings and Thermal Information
tables, Feature Description, Device Functional Modes, Application and Implementation, Power Supply
Recommendations, Layout, Device and Documentation Support, and Mechanical, Packaging, and Orderable
Information sections................................................................................................................................................................ 1
•
Added Thermal Information table with revised RθJA value (from "50.4°C/W" to "71.3°C/W") and additional thermal
values. ................................................................................................................................................................................... 4
Changes from Original (May 2013) to Revision A
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com