Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3559 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3559 Datasheet HTML 9Page - Texas Instruments LM3559 Datasheet HTML 10Page - Texas Instruments LM3559 Datasheet HTML 11Page - Texas Instruments LM3559 Datasheet HTML 12Page - Texas Instruments LM3559 Datasheet HTML 13Page - Texas Instruments LM3559 Datasheet HTML 14Page - Texas Instruments LM3559 Datasheet HTML 15Page - Texas Instruments LM3559 Datasheet HTML 16Page - Texas Instruments LM3559 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
IFLASH
ITORCH
STROBE
TORCH
Flash Duration
IFLASH
ITORCH
STROBE
TX1 or TX2 set
for Active High
Flash Timeout
13
LM3559
www.ti.com
SNVS624B – JUNE 2011 – REVISED JUNE 2016
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Power Amplifier Synchronization (TX1)
The TX1/TORCH/GPIO1 pin has a triple function. With the Configuration Register 1 Bit [7] = 0 (default)
TX1/TORCH/GPIO1 is a power-amplifier-synchronization input. This mode is designed to reduce the flash LED
current when TX1 is pulled high (active high polarity) or low (active low polarity). When the LM3559 is engaged in
a flash event and the TX1/TORCH pin is pulled high, both LED1 and LED2 are forced into torch mode at the
programmed torch current setting. If TX1 is then pulled low before the flash pulse terminates, the LED current
returns to the previous flash current level. At the end of the flash timeout, whether the TX1/TORCH pin is high or
low, the current sources turn off.
The polarity of the TX1 input can be changed from active high to active low by writing a 0 to bit [5] of
Configuration Register 1. With this bit set to 0 the LM3559 is forced into torch mode when TX1/TORCH is pulled
low. Figure 25 details the functionality of the TX1 interrupt.
Figure 25. TX1 or TX2 Interrupt Event
Figure 26. Hardware-Torch Mode
8.3.2 Input Voltage Flash Monitor Fault
The VIN flash monitor flag (bit [6] of the Flags Register reads back a 1 when the input voltage flash monitor is
enabled and VIN falls below the programmed VIN flash monitor threshold. This flag must be read back in order to
resume normal operation after the LED current has been forced to the lower flash current setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com