Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3559 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM3559 Datasheet HTML 30Page - Texas Instruments LM3559 Datasheet HTML 31Page - Texas Instruments LM3559 Datasheet HTML 32Page - Texas Instruments LM3559 Datasheet HTML 33Page - Texas Instruments LM3559 Datasheet HTML 34Page - Texas Instruments LM3559 Datasheet HTML 35Page - Texas Instruments LM3559 Datasheet HTML 36Page - Texas Instruments LM3559 Datasheet HTML 37Page - Texas Instruments LM3559 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
34
LM3559
SNVS624B – JUNE 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table 14. Privacy Register
Bit 7
(Blink 2)
Bit 6
(Blink 1)
Bit 5
(LED2 Privacy)
Bit 4
(LED1 Privacy)
Bit 3
(Privacy
Terminate)
Bit 2 (PD2)
Bit 1 (PD1)
Bit 0 (PD0)
00 = No blinking
01 = 128 ms blink period
(default)
10 = 256 ms blink period
11 = 512 ms blink period
0 = LED2 is off
for privacy
mode (default)
1 = LED2 is on
for privacy
mode
0 = LED1 is off
for privacy
mode
1 = LED1 is on
for privacy
mode (default)
0 = Privacy
mode turns
back on at the
end of the flash
pulse
1 = Privacy
mode turns off
at the end of
the flash pulse
(default)
Privacy mode current levels (% of minimum torch
current)
000 = 10% (default)
001 = 20%
010 = 30%
011 = 40%
100 = 50%
101 = 60%
110 = 70%
111 = 80%
8.6.14 Privacy PWM Period Register
The Privacy PWM Register contains the bits to control the PWM period for the privacy indicate mode (see
Table 15).
Table 15. Privacy PWM Period Register
Bits 7-3
(Not Used)
Bit 2
(P3)
Bit 1
(P2)
Bit 0
(P1)
000 = 5.12 ms
001 = 2.56 ms
010 = 1.28 ms
011 = 640 µs
1XX = 320 µs
8.6.15
Indicator Register
The Message Indicator Register contain the bits which control the following:
1. Indicator current level
2. Pulse width
3. Ramp times for turnon and turnoff of the indicator current source (see Figure 42 for the message indicator
timing diagram).
Table 16. Indicator Register
Bit 7 (R2)
Bit 6 (R1)
Bit 5 (P3)
Bit 4 (P2)
Bit 3 (P1)
Bit 2 (I3)
Bit 1 (I2)
Bit 0 (I1)
(tRAMP)
00 = 78 ms (default)
01 = 156 ms
10 = 312 ms
11 = 624 ms
(PERIOD#)
000 = 0 (default)
001 = 1
010 = 2
011 = 3
100 = 4
101 = 5
110 = 6
111 = 7
(IIND)
000 = 2.25 mA (default)
001 = 4.5 mA
010 = 6.75 mA
011 = 9 mA
100 = 11.25 mA
101 = 13.5 mA
110 = 15.75 mA
111 = 18 mA
8.6.16 Indicator Blinking Register
The Indicator Blinking Register contain the bits which control the following:
1. Number of periods (tPERIOD = tRAMP × 2 + tPULSE × 2)
2. Active Time (tACTIVE = tPERIOD × PERIOD# )
3. Blank Time (tBLANK = tACTIVE × BLANK#)
–
(see Figure 42)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com