Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2412 Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS2412
Description  CMOS High Sensitivity Micropower Hall Latch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS2412 Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS2412 Datasheet HTML 1Page - SEC Electronics Inc. SS2412 Datasheet HTML 2Page - SEC Electronics Inc. SS2412 Datasheet HTML 3Page - SEC Electronics Inc. SS2412 Datasheet HTML 4Page - SEC Electronics Inc. SS2412 Datasheet HTML 5Page - SEC Electronics Inc. SS2412 Datasheet HTML 6Page - SEC Electronics Inc. SS2412 Datasheet HTML 7Page - SEC Electronics Inc. SS2412 Datasheet HTML 8Page - SEC Electronics Inc. SS2412 Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SS2412
CMOS High Sensitivity Micropower Hall Latch
3
V3.10
Nov 1, 2013
Pin Definitions and Descriptions
SOT Pin
№ SIP Pin №
Name
Type
Function
1
1
VDD
Supply
Supply Voltage Pin
2
3
OUT
Output
Open Drain Output Pin
3
2
GND
Ground
Ground Pin
Internal Timing Circuit
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Supply Voltage
VDD
6
V
Supply Current
IDD
50
mA
Output Voltage
VOUT
28
V
Output Current
IOUT
50
mA
Operating Temperature Range
TA
-40 to 150
°C
Storage Temperature Range
TS
-50 to 160
°C
ESD Sensitivity
4000
V
Awake Taw:120μs
Sleep Tsl:70ms
Time
Current
0
Isp
Iaw
Iavg
Sample & Out-
put Latched
Period



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com