Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2412 Datasheet(PDF) 5 Page - SEC Electronics Inc.

Part # SS2412
Description  CMOS High Sensitivity Micropower Hall Latch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS2412 Datasheet(HTML) 5 Page - SEC Electronics Inc.

  SS2412 Datasheet HTML 1Page - SEC Electronics Inc. SS2412 Datasheet HTML 2Page - SEC Electronics Inc. SS2412 Datasheet HTML 3Page - SEC Electronics Inc. SS2412 Datasheet HTML 4Page - SEC Electronics Inc. SS2412 Datasheet HTML 5Page - SEC Electronics Inc. SS2412 Datasheet HTML 6Page - SEC Electronics Inc. SS2412 Datasheet HTML 7Page - SEC Electronics Inc. SS2412 Datasheet HTML 8Page - SEC Electronics Inc. SS2412 Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SS2412
CMOS High Sensitivity Micropower Hall Latch
5
V3.10
Nov 1, 2013
Output Behavior versus Magnetic Pole
DC Operating Parameters TA = -40
°C to 150°C, VDD = 2.5 to 5.5V (unless otherwise specified)
Test Conditions (UA)
Test Conditions (SO)
OUT
B < BRP
B > BRP
High
B > BOP
B < BOP
Low
The SOT-23 device is reversed from the UA package. The SOT-23 output transistor will be turned on(drops low) in the presence of a
sufficiently strong North pole magnetic field applied to the marked face and turned off(hoists high) in the presence of a sufficiently
strong South pole magnetic field.
Unique Features
CMOS Hall IC Technology
The chopper stabilized amplifier uses switched capacitor techniques to eliminate the amplifier offset voltage,
which, in bipolar devices, is a major source of temperature sensitive drift. CMOS makes this advanced technique
possible. The CMOS chip is also much smaller than a bipolar chip, allowing very sophisticated circuitry to be
placed in less space. The small chip size also contributes to lower physical stress and less power consumption.
ESD Protection
Human Body Model (HBM) tests according to: Mil. Std. 883F method 3015.7
Parameter
Symbol
Limit Values
Unit
Notes
Min
Max
ESD Voltage
VESD
±4
kV
ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static
Discharge control procedures whenever handling semiconductor products.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com