Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2412 Datasheet(PDF) 4 Page - SEC Electronics Inc.

Part # SS2412
Description  CMOS High Sensitivity Micropower Hall Latch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS2412 Datasheet(HTML) 4 Page - SEC Electronics Inc.

  SS2412 Datasheet HTML 1Page - SEC Electronics Inc. SS2412 Datasheet HTML 2Page - SEC Electronics Inc. SS2412 Datasheet HTML 3Page - SEC Electronics Inc. SS2412 Datasheet HTML 4Page - SEC Electronics Inc. SS2412 Datasheet HTML 5Page - SEC Electronics Inc. SS2412 Datasheet HTML 6Page - SEC Electronics Inc. SS2412 Datasheet HTML 7Page - SEC Electronics Inc. SS2412 Datasheet HTML 8Page - SEC Electronics Inc. SS2412 Datasheet HTML 9Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SS2412
CMOS High Sensitivity Micropower Hall Latch
4
V3.10
Nov 1, 2013
Operating Temperature Range
Symbol
Value
Units
Temperature Suffix “E”
TA
-40 to 85
°C
Temperature Suffix “K”
TA
-40 to 125
°C
Temperature Suffix “L”
TA
-40 to 150
°C
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolute-maximum- rated conditions for ex-
tended periods may affect device reliability.
General Electrical Specifications
DC Operating Parameters TA = 25°C, VDD= 2.75V
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
Operating
2.5
3
5.5
V
Supply Current
IDD
Average
5
μA
Output Current
IOUT
1.0
mA
Saturation Voltage
VSAT
IOUT=1mA
0.4
V
Awake mode time
TAW
Operating
175
μS
Sleep mode time
TSL
Operating
70
mS
Magnetic Specifications
DC Operating Parameters VDD = 2.5 to 5.5V (unless otherwise specified)
Package
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
UA
Operating Point
BOP
Ta=25°C
Vdd=2.75V DC
5
30
60
G
Release Point
BRP
-60
-30
-5
G
Hysteresis
BHYST
60
G
SO
Operating Point
BOP
Ta=25°C
Vdd=2.75V DC
-60
-30
-5
G
Release Point
BRP
5
30
60
G
Hysteresis
BHYST
60
G



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com