Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBTM Datasheet(PDF) 2 Page - Samtec, Inc

Part # EBTM
Description  2.00 mm (.0787?? ExaMAX짰 Right-Angle Receptacle & Vertical Header
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

EBTM Datasheet(HTML) 2 Page - Samtec, Inc

  EBTM Datasheet HTML 1Page - Samtec, Inc EBTM Datasheet HTML 2Page - Samtec, Inc EBTM Datasheet HTML 3Page - Samtec, Inc EBTM Datasheet HTML 4Page - Samtec, Inc EBTM Datasheet HTML 5Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Product Specification
Series: EBTF-RA / EBTM 2.00 mm (.0787”) ExaMAX® Right-Angle Receptacle & Vertical Header
Revision: A
Date: August 4, 2016
© Samtec, Inc.
Page 2
1.0 SCOPE
1.1 This specification covers performance, testing and quality requirements for Samtec EBTF-RA/EBTM Series 2.00
mm (.0787
”) ExaMAX® Right-Angle Receptacle & Vertical Header mated set. All information contained in this
specification is for a EBTF Series
– 4 pairs per column mated to a EBTM Series -4 pairs per column unless
otherwise noted.
2.0 DETAILED INFORMATION
2.1 Product prints, footprints, catalog pages, test reports and other specific, detailed information can be found at
http://www.samtec.com/?EBTF-RA and http://www.samtec.com/?EBTM.
3.0 TESTING
3.1 Current Rating: 4.2A (1 Contact Powered)
3.2 Voltage Rating: 160 VAC
3.3 Operating Temperature Range: -55°C to +85°C
3.4 Operating Humidity Range: up to 95% (Per EIA-364-31)
3.5 Electrical:
3.6 Mechanical:
ITEM
TEST CONDITION
REQUIREMENT
STATUS
Durability
EIA-364-09C
100 cycles
Pass
Random Vibration
EIA-364-28 Condition V, Letter B
7.56 G 'RMS', 50 to 2000 Hz, 2
hours per axis, 3 axis total , PSD
0.04
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Pass
Mechanical Shock
EIA-364-27 100 G, 6
milliseconds, sawtooth wave,
11.3 fps, 3 shocks/direction, 3
axis (18 total shocks)
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Pass
Normal Force
EIA-364-04
30 grams minimum for gold
interface
Pass
ITEM
TEST CONDITION
REQUIREMENT
Withstanding Voltage
EIA-364-20 (No Flashover,
Sparkover, or Breakdown)
495 VAC
Insulation Resistance
EIA-364-21 (1000 MΩ
minimum)
45,000 MΩ
Contact Resistance (LLCR)
EIA-364-23
Δ 15 mΩ maximum (Samtec defined)/
No damage



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com