Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBTM Datasheet(PDF) 1 Page - Samtec, Inc

Part # EBTM
Description  2.00 mm (.0787?? ExaMAX짰 Right-Angle Receptacle & Vertical Header
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

EBTM Datasheet(HTML) 1 Page - Samtec, Inc

  EBTM Datasheet HTML 1Page - Samtec, Inc EBTM Datasheet HTML 2Page - Samtec, Inc EBTM Datasheet HTML 3Page - Samtec, Inc EBTM Datasheet HTML 4Page - Samtec, Inc EBTM Datasheet HTML 5Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product Specification
Series: EBTF-RA / EBTM 2.00 mm (.0787”) ExaMAX® Right-Angle Receptacle & Vertical Header
Revision: A
Date: August 4, 2016
© Samtec, Inc.
Page 1
EBTF-RA Series
–Receptacle, Right-Angle Orientation
EBTM Series
–Header, Vertical Orientation
See www.samtec.com for more information.


Similar Part No. - EBTM

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
EBTM SAMTEC-EBTM Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
EBTM-4-06-2.0-S-RA-1-L-A SAMTEC-EBTM-4-06-2.0-S-RA-1-L-A Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
EBTM-4-06-2.0-S-RA-1-L-H SAMTEC-EBTM-4-06-2.0-S-RA-1-L-H Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
EBTM-4-06-2.0-S-RA-1-R-A SAMTEC-EBTM-4-06-2.0-S-RA-1-R-A Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
EBTM-4-06-2.0-S-RA-1-R-H SAMTEC-EBTM-4-06-2.0-S-RA-1-R-H Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
More results

Similar Description - EBTM

ManufacturerPart #DatasheetDescription
logo
FCI connector
58102 FCI-CONNECTOR-58102 Datasheet
140Kb / 2P
2.00 mm UNSHROUDED HEADER RIGHT ANGLE THRU-HOLE
logo
Samtec, Inc
EBTF-RA SAMTEC-EBTF-RA Datasheet
628Kb / 5P
2.00 mm (.0787?? ExaMAX짰 Right-Angle Receptacle & Vertical Header
S2M SAMTEC-S2M Datasheet
528Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
S2SD SAMTEC-S2SD Datasheet
308Kb / 1P
(2.00 mm) .0787" PITCH • CABLE ASSEMBLY/COMPONENTS
EBTF SAMTEC-EBTF Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
Rev 27JAN22
EBTM SAMTEC-EBTM_V01 Datasheet
1Mb / 2P
HIGH-SPEED BACKPLANE CONNECTOR & CABLE SYSTEMS (2.00 mm) .0787" PITCH
ETMM SAMTEC-ETMM Datasheet
174Kb / 1P
SHROUDED IDC HEADERS (2.00 mm) .0787" PITCH
2854182 SAMTEC-2854182 Datasheet
575Kb / 2P
(2.00 mm) .0787" PITCH • HIGH-RELIABILITY CABLE INTERCONNECTS
S2M-125-01-L-D-DS SAMTEC-S2M-125-01-L-D-DS Datasheet
482Kb / 2P
RUGGED TIGER EYE™ SYSTEMS (2.00 mm) .0787" PITCH
SQW SAMTEC-SQW Datasheet
240Kb / 1P
(2.00 mm) .0787" PITCH
Rev 17AUG21
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com