Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBTM Datasheet(PDF) 4 Page - Samtec, Inc

Part # EBTM
Description  2.00 mm (.0787?? ExaMAX짰 Right-Angle Receptacle & Vertical Header
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

EBTM Datasheet(HTML) 4 Page - Samtec, Inc

  EBTM Datasheet HTML 1Page - Samtec, Inc EBTM Datasheet HTML 2Page - Samtec, Inc EBTM Datasheet HTML 3Page - Samtec, Inc EBTM Datasheet HTML 4Page - Samtec, Inc EBTM Datasheet HTML 5Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Product Specification
Series: EBTF-RA / EBTM 2.00 mm (.0787”) ExaMAX® Right-Angle Receptacle & Vertical Header
Revision: A
Date: August 4, 2016
© Samtec, Inc.
Page 4
6.0 PROCESSING RECOMMENDATIONS
6.1 Mating Alignment Requirements:
6.1.1
Maximum guidance/capture in applications where at least one half of the interface is free to float.
6.2 Mating Angle Requirements: The connector can be zippered in either directions.
6.2.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com