Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSI Datasheet(PDF) 1 Page - Samtec, Inc

Part # FSI
Description  1,00 mm One Piece Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

FSI Datasheet(HTML) 1 Page - Samtec, Inc

  FSI Datasheet HTML 1Page - Samtec, Inc FSI Datasheet HTML 2Page - Samtec, Inc FSI Datasheet HTML 3Page - Samtec, Inc FSI Datasheet HTML 4Page - Samtec, Inc FSI Datasheet HTML 5Page - Samtec, Inc FSI Datasheet HTML 6Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product Specification
Series: FSI 1,00 mm One Piece Interface
Revision: D
Date: October 30, 2015
© Samtec, Inc.
Page 1
FSI Series
– 3 mm Body Height, Double Row
Other configurations available for:
Taller body heights.
Single row.
Threaded inserts, alignment pins, pick & place pads and packaging options.
See www.samtec.com for more information.


Similar Part No. - FSI

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
LOW PROFILE & ELEVATED ONE PIECE
FSI-150-10-L-D-E-AD SAMTEC-FSI-150-10-L-D-E-AD Datasheet
579Kb / 3P
1mm SINGLE ELEMENT INTERFACE
logo
Rhombus Industries Inc.
FSIDM-100 RHOMBUS-IND-FSIDM-100 Datasheet
39Kb / 1P
FAST / TTL Buffered 5-Tap Delay Modules
FSIDM-100 RHOMBUS-IND-FSIDM-100 Datasheet
33Kb / 1P
FSIDM Series FAST / TTL Buffered 5-Tap Delay Modules
FSIDM-11 RHOMBUS-IND-FSIDM-11 Datasheet
39Kb / 1P
FAST / TTL Buffered 5-Tap Delay Modules
More results

Similar Description - FSI

ManufacturerPart #DatasheetDescription
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
ONE PIECE PHOTO INTERRUPTER
logo
List of Unclassifed Man...
V704 ETC2-V704 Datasheet
290Kb / 8P
One-Piece Surface Steel Raceway
V711 ETC2-V711 Datasheet
290Kb / 8P
One-Piece Surface Steel Raceway
V718 ETC2-V718 Datasheet
290Kb / 8P
One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
One-Piece Steel Surface Raceway
logo
Laird Tech Smart Techno...
PC17113N LSTD-PC17113N Datasheet
786Kb / 1P
One-piece brass radiating element
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
7/8" (22.2 mm) Precision Industrial Potentiometer, Bushing And Servo Mount Versions, Conductive Plastic
06-Nov-15
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
LOW PROFILE & ELEVATED ONE PIECE
logo
Lumins Inc.
SL112 LUMINIS-SL112 Datasheet
210Kb / 2P
One piece cast aluminum cage
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
RSK one-piece screen connector
13.03.2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com