Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSI Datasheet(PDF) 4 Page - Samtec, Inc

Part # FSI
Description  1,00 mm One Piece Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

FSI Datasheet(HTML) 4 Page - Samtec, Inc

  FSI Datasheet HTML 1Page - Samtec, Inc FSI Datasheet HTML 2Page - Samtec, Inc FSI Datasheet HTML 3Page - Samtec, Inc FSI Datasheet HTML 4Page - Samtec, Inc FSI Datasheet HTML 5Page - Samtec, Inc FSI Datasheet HTML 6Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Product Specification
Series: FSI 1,00 mm One Piece Interface
Revision: D
Date: October 30, 2015
© Samtec, Inc.
Page 4
4.0 NORMAL FORCE vs. BODY HEIGHT
FSI Height
Max B2B for 30
Grams Normal
Force (inches)
Deflection
Range
(inches)
mm
inch
3
0.118
0.129
0.011
6
0.236
0.247
0.011
10
0.394
0.405
0.011
5.0 HIGH SPEED PERFORMANCE
5.1 Based on a 3 dB insertion loss
5.2 System Impedance: 50 ohm for single-ended and 100 ohm for differential pair
Stack Height
Single-Ended Signaling
Differential Pair Signaling
3mm
8 GHz / 16 Gbps
12 GHz / 24 Gbps
6mm
7.50 GHz / 15 Gbps
7.50 GHz / 15 Gbps
10mm
5 GHz / 10 Gbps
6 GHz / 12 Gbps
6.0 PROCESSING RECOMMENDATIONS
6.1 Mating Requirements: The mating card should be mated vertically to the connector.
6.1.1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com