Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSI Datasheet(PDF) 2 Page - Samtec, Inc

Part # FSI
Description  1,00 mm One Piece Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

FSI Datasheet(HTML) 2 Page - Samtec, Inc

  FSI Datasheet HTML 1Page - Samtec, Inc FSI Datasheet HTML 2Page - Samtec, Inc FSI Datasheet HTML 3Page - Samtec, Inc FSI Datasheet HTML 4Page - Samtec, Inc FSI Datasheet HTML 5Page - Samtec, Inc FSI Datasheet HTML 6Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Product Specification
Series: FSI 1,00 mm One Piece Interface
Revision: D
Date: October 30, 2015
© Samtec, Inc.
Page 2
1.0 SCOPE
1.1 This specification covers performance, testing and quality requirements for Samtec FSI Series 1,00 mm pitch One
Piece Interface. This one piece interface is available in single and double row configurations for 3 mm, 6 mm, and
10 mm board stacking applications. All information contained in this specification is for a 3 mm body height, double
row configuration unless otherwise noted.
2.0 DETAILED INFORMATION
2.1 Product prints, footprints, catalog pages, test reports and other specific, detailed information can be found at
www.samtec.com?FSI.
3.0 TESTING
3.1 Current Rating: 2.0A
3.2 Voltage Rating: 220 VAC
3.3 Operating Temperature Range: -55°C to +125°C
3.4 Electrical:
ITEM
TEST CONDITION
REQUIREMENT
STATUS
Withstanding Voltage
EIA-364-20 (No Flashover,
Sparkover, or Breakdown)
650 VAC
Pass
Insulation Resistance
EIA-364-21 (1000 MΩ
minimum)
6,000 MΩ
Pass
Contact Resistance
(LLCR)
EIA-364-23
Δ 15 mΩ maximum
(Samtec defined)/ No damage
Pass
3.5 Mechanical:
ITEM
TEST CONDITION
REQUIREMENT
STATUS
Durability
EIA-364-09C
100 cycles (w/Env.) 10,000 cycles
(w/o Env)
Pass
Random Vibration
EIA-364-28 Condition V, Letter B
7.56 G 'RMS', 50 to 2000 Hz, 2
hours per axis, 3 axis total , PSD
0.04
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Event Detection: No interruption >
50 nanoseconds
Pass
Mechanical Shock
EIA-364-27 100 G, 6
milliseconds, sawtooth wave,
11.3 fps, 3 shocks/direction, 3
axis (18 total shocks)
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Event Detection: No interruption >
50 nanoseconds
Pass
Normal Force
EIA-364-04
30 grams minimum for gold
interface
Pass



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com