Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSS Datasheet(PDF) 5 Page - Samtec, Inc

Part # LSS
Description  0,635mm (.025?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

LSS Datasheet(HTML) 5 Page - Samtec, Inc

  LSS Datasheet HTML 1Page - Samtec, Inc LSS Datasheet HTML 2Page - Samtec, Inc LSS Datasheet HTML 3Page - Samtec, Inc LSS Datasheet HTML 4Page - Samtec, Inc LSS Datasheet HTML 5Page - Samtec, Inc LSS Datasheet HTML 6Page - Samtec, Inc LSS Datasheet HTML 7Page - Samtec, Inc LSS Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Product Specification
Series: LSS 0,635mm (.025”) Razor Beam™ High Speed Hermaphroditic Terminal/Socket Strip
Revision: C
Date: August 27, 2015
© Samtec, Inc.
Page 5
7.0 PROCESSING RECOMMENDATIONS
7.1 Mating Alignment Requirements:
7.1.1
Maximum guidance/capture in applications where at least one half of the interface is free to float.
7.1.2
The parts can be rigidly misaligned by no more than
.002” (0,05 mm) in the X- and .002” (0,05 mm) in the
Y-direction to ensure a good mate.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com