Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSS Datasheet(PDF) 1 Page - Samtec, Inc

Part # LSS
Description  0,635mm (.025?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

LSS Datasheet(HTML) 1 Page - Samtec, Inc

  LSS Datasheet HTML 1Page - Samtec, Inc LSS Datasheet HTML 2Page - Samtec, Inc LSS Datasheet HTML 3Page - Samtec, Inc LSS Datasheet HTML 4Page - Samtec, Inc LSS Datasheet HTML 5Page - Samtec, Inc LSS Datasheet HTML 6Page - Samtec, Inc LSS Datasheet HTML 7Page - Samtec, Inc LSS Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product Specification
Series: LSS 0,635mm (.025”) Razor Beam™ High Speed Hermaphroditic Terminal/Socket Strip
Revision: C
Date: August 27, 2015
© Samtec, Inc.
Page 1
LSS Series
– Terminal/Socket, Vertical Orientation


Similar Part No. - LSS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
LSS-110-02-F-DV-A SAMTEC-LSS-110-02-F-DV-A Datasheet
265Kb / 1P
High-speed/High-density HIGH-SPEED HERMAPHRODITIC STRIP
LSS-110-03-L-DV-A SAMTEC-LSS-110-03-L-DV-A Datasheet
153Kb / 2P
DESIGNED & DIMENSIONED IN MILLIMETERS
LSS-130-02-L SAMTEC-LSS-130-02-L Datasheet
760Kb / 1P
HIGH SPEED HERMAPHRODITIC STRIP
logo
Ironwood Electronics.
LSS-BGA217C-05 IRONWOOD-LSS-BGA217C-05 Datasheet
146Kb / 1P
Primary dimension units are millimeters
LSS-BGA272G-05 IRONWOOD-LSS-BGA272G-05 Datasheet
169Kb / 1P
Primary dimension units are millimeters
More results

Similar Description - LSS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
LSS-130-02-L SAMTEC-LSS-130-02-L Datasheet
760Kb / 1P
HIGH SPEED HERMAPHRODITIC STRIP
ERF5 SAMTEC-ERF5 Datasheet
682Kb / 8P
0,50 mm (.0197?? Edge Rate??Rugged High Speed Socket / Terminal Strip
LSEM SAMTEC-LSEM Datasheet
675Kb / 8P
0,80 mm (.0315?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
QFS SAMTEC-QFS Datasheet
869Kb / 8P
0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
QMS SAMTEC-QMS Datasheet
869Kb / 8P
0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
QSS SAMTEC-QSS Datasheet
646Kb / 8P
0,635mm High Speed Socket / Terminal Strips
QTS SAMTEC-QTS Datasheet
646Kb / 8P
0,635mm High Speed Socket / Terminal Strips
LS2-120-01-L-D-RA1 SAMTEC-LS2-120-01-L-D-RA1 Datasheet
209Kb / 1P
SELF MATING HERMAPHRODITIC STRIP
LSHM-150-04.0-L-DV SAMTEC-LSHM-150-04.0-L-DV Datasheet
316Kb / 1P
HIGH-SPEED HERMAPHRODITIC STRIP
LSS-110-02-F-DV-A SAMTEC-LSS-110-02-F-DV-A Datasheet
265Kb / 1P
High-speed/High-density HIGH-SPEED HERMAPHRODITIC STRIP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com