Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSS Datasheet(PDF) 4 Page - Samtec, Inc

Part # LSS
Description  0,635mm (.025?? Razor Beam??High Speed Hermaphroditic Terminal/Socket Strip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

LSS Datasheet(HTML) 4 Page - Samtec, Inc

  LSS Datasheet HTML 1Page - Samtec, Inc LSS Datasheet HTML 2Page - Samtec, Inc LSS Datasheet HTML 3Page - Samtec, Inc LSS Datasheet HTML 4Page - Samtec, Inc LSS Datasheet HTML 5Page - Samtec, Inc LSS Datasheet HTML 6Page - Samtec, Inc LSS Datasheet HTML 7Page - Samtec, Inc LSS Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Product Specification
Series: LSS 0,635mm (.025”) Razor Beam™ High Speed Hermaphroditic Terminal/Socket Strip
Revision: C
Date: August 27, 2015
© Samtec, Inc.
Page 4
4.0 MATED SYSTEM
4.1 Mated Views
Mated view information can be found at link below:
http://cloud.samtec.com/Prints/LSS%20MATED%20VIEWS-MKT.pdf
5.0 POLARIZING FEATURES
6.0 HIGH SPEED PERFORMANCE
6.1 Based on a 3 dB insertion loss
6.2 System Impedance: 50 ohm for single-ended and 100 ohm for differential pair
Stack Height
Single-Ended Signaling
Differential Pair Signaling
6 mm
10.0 GHz/20.0 Gbps
9.0 GHz/18.0 Gbps



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com