Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QMS Datasheet(PDF) 7 Page - Samtec, Inc

Part # QMS
Description  0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QMS Datasheet(HTML) 7 Page - Samtec, Inc

  QMS Datasheet HTML 1Page - Samtec, Inc QMS Datasheet HTML 2Page - Samtec, Inc QMS Datasheet HTML 3Page - Samtec, Inc QMS Datasheet HTML 4Page - Samtec, Inc QMS Datasheet HTML 5Page - Samtec, Inc QMS Datasheet HTML 6Page - Samtec, Inc QMS Datasheet HTML 7Page - Samtec, Inc QMS Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Product Specification
Series: QFS / QMS 0,635 mm (.025”) Q2™ High Speed Rugged Ground Plane Socket / Terminal Strips
Revision: D
Date: February 29, 2016
© Samtec, Inc.
Page 7
7.3 Due to variances in equipment, solder pastes and applications (board design, component density, etc.), Samtec
does not specify a recommended reflow profile for our connectors. The processing parameters provided by the
solder paste manufacturer should be employed and can usually be found on their website.
All of Samtec
’s surface mount components are lead free reflow compatible and compliant with the profile
parameters detailed in IPC/JEDEC J-STD-020E which requires that components be capable of withstanding a peak
temperature of 260°C as well as 30 seconds above 255°C.
Samtec Recommended Temperature Profile Ranges (SMT)
Sn-Pb Eutectic Assembly
Preheat/Soak
(100°C-150°C)
Max Ramp Up
Rate
Reflow Time
(above 183°C)
Peak
Temp
Time within 5°C
of 235°C
Max Ramp
Down Rate
Time 25°C to
Peak Temp
60-120 sec.
3°C/s max.
40-150 sec.
235°C
20 sec. max.
6°C/s max.
6 min. max.
Pb-Free Assembly
Preheat/Soak
(150°C-200°C)
Max Ramp Up
Rate
Reflow Time
(above 217°C)
Peak
Temp
Time within 5°C
of 260°C
Max Ramp
Down Rate
Time 25°C to
Peak Temp
60-120 sec.
3°C/s max.
40-150 sec.
260°C
30 sec. max.
6°C/s max.
8 min. max.
7.3.1
These guidelines should not be considered design requirements for all applications.
Samtec recommends testing interconnects on your boards in your process to guarantee optimum results.
7.4 Maximum Reflow Passes: The parts can withstand three reflow passes at a maximum component temperature of
260°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com