Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QMS Datasheet(PDF) 2 Page - Samtec, Inc

Part # QMS
Description  0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QMS Datasheet(HTML) 2 Page - Samtec, Inc

  QMS Datasheet HTML 1Page - Samtec, Inc QMS Datasheet HTML 2Page - Samtec, Inc QMS Datasheet HTML 3Page - Samtec, Inc QMS Datasheet HTML 4Page - Samtec, Inc QMS Datasheet HTML 5Page - Samtec, Inc QMS Datasheet HTML 6Page - Samtec, Inc QMS Datasheet HTML 7Page - Samtec, Inc QMS Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
Series: QFS / QMS 0,635 mm (.025”) Q2™ High Speed Rugged Ground Plane Socket / Terminal Strips
Revision: D
Date: February 29, 2016
© Samtec, Inc.
Page 2
1.0 SCOPE
1.1 This specification covers performance, testing and quality requirements for Samtec QFS/QMS Series 0,635 mm
(.025”) Q2™ High Speed Rugged Ground Plane Socket / Terminal Strip connector system. All information
contained in this specification is for a 10 mm mated height vertical configuration unless otherwise noted.
2.0 DETAILED INFORMATION
2.1 Product prints, footprints, catalog pages, test reports and other specific, detailed information can be found at
www.samtec.com?QFS and www.samtec.com?QMS.
3.0 TESTING
3.1 Current Rating: 1.5 A (6 Adjacent Pins Powered)
3.1.1
Current Carrying Capacity: tested per EIA-364-70
3.1.2
Current Cycling: tested per EIA-364-55
3.2 Voltage Rating: 300 VAC
3.3 Operating Temperature Range: -55°C to +125°C
3.4 Electrical:
ITEM
TEST CONDITION
REQUIREMENT
STATUS
Withstanding Voltage
EIA-364-20 (No Flashover,
Sparkover, or Breakdown)
900 VAC
Pass
Insulation Resistance
EIA-364-21 (1000 MΩ
minimum)
1,000 MΩ
Pass
Contact Resistance
(LLCR)
EIA-364-23
Δ 15 mΩ maximum
(Samtec defined)/ No damage
Pass
3.5 Mechanical:
ITEM
TEST CONDITION
REQUIREMENT
STATUS
Durability
EIA-364-09C
500 cycles (30µ" Au)
Pass
Random Vibration
EIA-364-28 Condition V, Letter B
7.56 G 'RMS', 50 to 2000 Hz, 2
hours per axis, 3 axis total , PSD
0.04
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Event Detection: No interruption >
1 microsecond
Pass
Mechanical Shock
EIA-364-27 100 G, 6
milliseconds, sawtooth wave,
11.3 fps, 3 shocks/direction, 3
axis (18 total shocks)
Visual Inspection: No Damage
LLCR: Δ 15 mΩ maximum
Event Detection: No interruption >
1 microsecond
Pass
Normal Force
EIA-364-04
30 grams minimum for gold
interface
Pass



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com