Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QMS Datasheet(PDF) 1 Page - Samtec, Inc

Part # QMS
Description  0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

QMS Datasheet(HTML) 1 Page - Samtec, Inc

  QMS Datasheet HTML 1Page - Samtec, Inc QMS Datasheet HTML 2Page - Samtec, Inc QMS Datasheet HTML 3Page - Samtec, Inc QMS Datasheet HTML 4Page - Samtec, Inc QMS Datasheet HTML 5Page - Samtec, Inc QMS Datasheet HTML 6Page - Samtec, Inc QMS Datasheet HTML 7Page - Samtec, Inc QMS Datasheet HTML 8Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product Specification
Series: QFS / QMS 0,635 mm (.025”) Q2™ High Speed Rugged Ground Plane Socket / Terminal Strips
Revision: D
Date: February 29, 2016
© Samtec, Inc.
Page 1
QFS Series
– Socket, Vertical Orientation
QMS Series
– Terminal, Vertical Orientation
Other configurations available for:
Co-planar and perpendicular board-to board applications
Rugged features / end options
Packaging options
See www.samtec.com for more information.


Similar Part No. - QMS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QMS-026-09.75-SL-D-A SAMTEC-QMS-026-09.75-SL-D-A Datasheet
390Kb / 1P
RUGGED GROUND PLANE HEADER
QMS-052-01-SL-D-RA SAMTEC-QMS-052-01-SL-D-RA Datasheet
619Kb / 1P
RIGHT-ANGLE GROUND PLANE HEADER
QMS-052-05.75-L-D-A SAMTEC-QMS-052-05.75-L-D-A Datasheet
1Mb / 6P
.635mm DOUBLE ROW TERMINAL STRIP
logo
Qualwave Inc. All right...
QMS10S QUALWAVE-QMS10S Datasheet
208Kb / 2P
Coaxial Switches
Rev 1.7
QMS10SH QUALWAVE-QMS10SH Datasheet
208Kb / 2P
Coaxial Switches
Rev 1.5
More results

Similar Description - QMS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
QSH-090-01-L-D-A-K SAMTEC-QSH-090-01-L-D-A-K Datasheet
1Mb / 1P
HIGH SPEED GROUND PLANE SOCKET
QSE-020-01-L-D-A SAMTEC-QSE-020-01-L-D-A Datasheet
1Mb / 1P
HIGH SPEED GROUND PLANE SOCKET
QSH-040-01-L-D-DP-A SAMTEC-QSH-040-01-L-D-DP-A Datasheet
1Mb / 1P
HIGH SPEED GROUND PLANE SOCKET
QFS SAMTEC-QFS Datasheet
869Kb / 8P
0,635 mm (.025?? Q2??High Speed Rugged Ground Plane Socket / Terminal Strips
QSE SAMTEC-QSE Datasheet
603Kb / 8P
0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSH SAMTEC-QSH Datasheet
606Kb / 8P
0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QSH-RA SAMTEC-QSH-RA Datasheet
606Kb / 8P
0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QTE SAMTEC-QTE Datasheet
603Kb / 8P
0,80 mm (.0315?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QTH SAMTEC-QTH Datasheet
606Kb / 8P
0,50 mm (.0197?? Q Strip짰 High Speed Ground Plane Socket / Terminal Strips
QFS-052-04.25-L-D-A SAMTEC-QFS-052-04.25-L-D-A Datasheet
415Kb / 1P
RUGGED GROUND PLANE SOCKET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com