Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP332 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP332
Description  RS-232/RS-485 Multi-mode SerialTransceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP332 Datasheet(HTML) 2 Page - Exar Corporation

  SP332 Datasheet HTML 1Page - Exar Corporation SP332 Datasheet HTML 2Page - Exar Corporation SP332 Datasheet HTML 3Page - Exar Corporation SP332 Datasheet HTML 4Page - Exar Corporation SP332 Datasheet HTML 5Page - Exar Corporation SP332 Datasheet HTML 6Page - Exar Corporation SP332 Datasheet HTML 7Page - Exar Corporation SP332 Datasheet HTML 8Page - Exar Corporation SP332 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP332_00_0260
SPECIFICATIONS
PARAMETER
MIN.
TYP.
MAX.
UNITS CONDITIONS
RS-485 DRIVER
DC Characteristics
Differential Output Voltage
GND
Vcc
Volts
Unloaded; R = ∞; See Figure 1
Differential Output Voltage
2.0
5.0
Volts
With load; R = 50Ω (RS-422); See
Figure 1
Differential Output Voltage
.5
5.0
Volts
With load; R = 27Ω (RS-485); See
Figure 1
Change in Magnitude of Driver
Differential Output Voltage for
Complementary States
0.2
Volts
R = 27Ω or R = 50Ω; See Figure 1
Driver Common-Mode Output
Voltage
3
Volts
R = 27Ω or R = 50Ω; See Figure 1
Input High Voltage
2.0
Volts
Applies to transmitter inputs, SEL A,
SEL B, SD and LB
Input Low Voltage
0.8
Volts
Applies to transmitter inputs, SEL A,
SEL B, SD and LB
Input Current
+/-0
µA
Applies to transmitter inputs, SEL A,
SEL B, SD and LB
Pull-Up Current
.5
µA
Pull-Down Current
3.0
µA
Driver Short Circuit Current
V
OUT = HIGH
35
250
mA
-7V ≤ V
O ≤ 10V
Driver Short Circuit Current
V
OUT = LOW
35
250
mA
-7V ≤ V
O ≤ 10V
AC Characteristics
Driver Data Rate
0
Mbps
Driver Data Rate
8
Mbps
T
A = +85°C, Note 
Driver Input to Output t
PLH
70
80
ns
R
DIFF = 54Ω, CL = CL2 = 00pF; See
Figures 3 and 5
Driver Input to Output t
PHL
70
80
ns
R
DIFF = 54Ω, CL = CL2 = 00pF; See
Figures 3 and 5
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
CC.......................................................................+7V
Input Voltages
Logic............................-0.5V to (Vcc+0.5V)
Drivers.........................-0.5V to (Vcc+0.5V)
Receivers......................+/-30V @ ≤100mA
Driver Outputs..................................................+/-15V
Maximum Data Rate..........................8Mbps (Note 1)
Storage Temperature.......................-65˚C to +150˚C
Power Dissipation
28-pin WSOIC...................................000mW
Package Derating:
28-pin WSOIC
ø
JA................................................40 °C/W
Limits are specified at T
A = 25°C and VCC = +5.0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com