Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP332 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP332
Description  RS-232/RS-485 Multi-mode SerialTransceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP332 Datasheet(HTML) 1 Page - Exar Corporation

  SP332 Datasheet HTML 1Page - Exar Corporation SP332 Datasheet HTML 2Page - Exar Corporation SP332 Datasheet HTML 3Page - Exar Corporation SP332 Datasheet HTML 4Page - Exar Corporation SP332 Datasheet HTML 5Page - Exar Corporation SP332 Datasheet HTML 6Page - Exar Corporation SP332 Datasheet HTML 7Page - Exar Corporation SP332 Datasheet HTML 8Page - Exar Corporation SP332 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP332_00_0260
The
SP332 is a monolithic device that contains both RS-232 and RS-485 line drivers and
receivers. The configuration of the
SP332 can be changed at any time by changing the logic
state of two control pins. The device also includes a loop back function which internally con-
nects driver outputs to receiver inputs for a chip self test. An
Exar-patended charge pump
allows +5V-only operation.
DESCRIPTION
• +5V Only Single Supply Operation
• Software Programmable RS-232 or RS-485
Selection
• 4 Drivers, 4 Receivers RS-232
• 2 Drivers, 2 Receivers RS-485
• Loop back function for Self Test
• 28-pin WSOIC package
SP332
TYPICAL APPLICATIONS CIRCUIT
SEL A
TTL/CMOS
TTL/CMOS
TTL/CMOS
C1+
C1-
C2+
C2-
1
SEL B
2
+5V
VCC
5
GND
8
9
11
12
13
19
20
22
24
26
27
28
TTL/CMOS
TTL/CMOS
TTL/CMOS
TTL/CMOS
T1
T3
R1
RS-485
RS-485
RS-485
V+
V-
RS-485
RS-485
RS-485
4
6
7
10
14
15
16
23
25
3
RI1
RI2
TX3
TX4
TX1
TX2
TI1
TI2
TI3
TI4
RX1
RX2
TTL/CMOS
21
R3
17
18
RI4
RI3
RX3
RX4
15KΩ
400KΩ
Vcc
400KΩ
Vcc
RS-485
RS-485
+5V
+5V
+5V
GND
TTL/CMOS
TTL/CMOS
TTL/CMOS
TTL/CMOS
0.1µF
VCC
V+
V-
SHUTDOWN
RS-232
TTL/CMOS
TTL/CMOS
TTL/CMOS
TTL/CMOS
T1
T2
T3
T4
TX1
TX2
TX3
TX4
TI1
TI2
TI3
TI4
RI1
RI2
RI3
RI4
RX1
RX2
RX3
RX4
1
3
4
5
6
7
8
10
C1+
C1-
C2+
C2-
9
11
12
13
14
15
16
17
18
19
20
21
22
23
SEL B
2
SEL A
24
25
26
27
28
R1
R2
R3
R4
5KΩ
400KΩ
Vcc
Vcc
Vcc
Vcc
RS-232
RS-232
RS-232
RS-232
RS-232
RS-232
RS-232
LOOPBACK
0V
0V
SP332
SP332
0.1µF
0.1µF
0.1µF
400KΩ
400KΩ
400KΩ
5KΩ
5KΩ
5KΩ
0.1µF
0.1µF
0.1µF
0.1µF
15KΩ
15KΩ
15KΩ
TTL/CMOS
SHUTDOWN
LOOPBACK
TTL/CMOS
TTL/CMOS
RS-232 Mode
Full Duplex RS-485 Mode
TTL/CMOS
RS-232/RS-485 Multi-mode SerialTransceiver
TI4
SEL_B
TX4
TX3
VCC
TX1
TX2
GND
C1+
V+
C2+
C1–
C2–
V–
TI3
TI2
TI1
SD
SEL_A
LB
RX4
RX3
RX2
RX1
RI4
RI3
RI2
RI1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14


Similar Part No. - SP332

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP332 SIPEX-SP332 Datasheet
188Kb / 10P
RS-232/RS-485 Multi-Mode Serial Transceiver
SP332CT SIPEX-SP332CT Datasheet
188Kb / 10P
RS-232/RS-485 Multi-Mode Serial Transceiver
SP332ET SIPEX-SP332ET Datasheet
188Kb / 10P
RS-232/RS-485 Multi-Mode Serial Transceiver
More results

Similar Description - SP332

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP331 SIPEX-SP331 Datasheet
169Kb / 13P
Programmable RS-232/RS-485 Transceiver
SP332 SIPEX-SP332 Datasheet
188Kb / 10P
RS-232/RS-485 Multi-Mode Serial Transceiver
SP334 SIPEX-SP334 Datasheet
155Kb / 12P
Programmable RS-232/RS-485 Transceiver
SP331 SIPEX-SP331 Datasheet
187Kb / 13P
Programmable Dual RS-232/RS-485 Transceiver
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
MPS Industries, Inc.
M6201 MPSIND-M6201 Datasheet
164Kb / 1P
TRANSFORMER FOR RS-485 / RS-232 INTERFACE
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
SP334CT-L-TR EXAR-SP334CT-L-TR Datasheet
725Kb / 14P
Programmable RS-232/RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com