Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP332 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP332
Description  RS-232/RS-485 Multi-mode SerialTransceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP332 Datasheet(HTML) 4 Page - Exar Corporation

  SP332 Datasheet HTML 1Page - Exar Corporation SP332 Datasheet HTML 2Page - Exar Corporation SP332 Datasheet HTML 3Page - Exar Corporation SP332 Datasheet HTML 4Page - Exar Corporation SP332 Datasheet HTML 5Page - Exar Corporation SP332 Datasheet HTML 6Page - Exar Corporation SP332 Datasheet HTML 7Page - Exar Corporation SP332 Datasheet HTML 8Page - Exar Corporation SP332 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP332_00_0260
SPECIFICATIONS (continued)
PARAMETER
MIN.
TYP.
MAX.
UNITS CONDITIONS
RS-232 DRIVER (continued)
AC Characteristics
Propagation Delay; t
PHL
2
4
µs
R
L = 3kΩ, CL = 2500pF, From .5V
of T
IN to 50% of VOUT
Propagation Delay; t
PLH
2
4
µs
R
L = 3kΩ, CL = 2500pF, From .5V
of T
IN to 50% of VOUT
Slew Rate
0
30
V/µs
R
L = 3kΩ, CL = 50pF; From +3V to
-3V or -3V to +3V
RS-232 RECEIVER
DC Characteristics
TTL Output Level; V
OL
0.4
Volts
I
SINK = 4mA
TTL Output Level; V
OH
3.5
Volts
I
SOURCE = -4mA
Input High Threshold
2.
3.0
Volts
Input Low Threshold
0.8
.6
Volts
Input Voltage Range
-5
+5
Volts
Input Impedance
3
5
7
kΩ
V
IN = +/-5V
Hysteresis
0.2
0.5
.0
Volts
V
CC = +5V
AC Characteristics
Transmission Rate
20
kbps
Transition Time
50
ns
Rise/Fall time, 0%-90%
Propagation Delay t
PHL
00
300
ns
From 50% of V
IN to 1.5V of ROUT
Propagation Delay t
PLH
00
200
ns
POWER REQUIREMENTS
No Load Supply Current
9
25
mA
No Load; V
CC = 5.0V; TA = 25°C
Full Load Supply Current
90
20
mA
RS-232 drivers R
L = 3kΩ to GND,
DC input
RS-485 drivers R
L = 54Ω from A to
B; DC input
Shutdown Supply Current
5
50
µA
T
A = 25°C, VCC = 5.0V
Limits are specified at T
A = 25°C and VCC = +5.0V unless otherwise noted.
Note 1: Exceeding the maximum data rate may damage the device



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com