Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49120TLEVAL Datasheet(PDF) 2 Page - Texas Instruments

Part # LM49120TLEVAL
Description  Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49120TLEVAL Datasheet(HTML) 2 Page - Texas Instruments

  LM49120TLEVAL Datasheet HTML 1Page - Texas Instruments LM49120TLEVAL Datasheet HTML 2Page - Texas Instruments LM49120TLEVAL Datasheet HTML 3Page - Texas Instruments LM49120TLEVAL Datasheet HTML 4Page - Texas Instruments LM49120TLEVAL Datasheet HTML 5Page - Texas Instruments LM49120TLEVAL Datasheet HTML 6Page - Texas Instruments LM49120TLEVAL Datasheet HTML 7Page - Texas Instruments LM49120TLEVAL Datasheet HTML 8Page - Texas Instruments LM49120TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
MONO +
MONO -
Handsfree
Speaker
Mixer
and
Output
Mode
Select
Class AB
SDA
SCL
VDD
Bias
Bypass
MONO_IN+
MONO_IN-
+
-
1 PF
1 PF
0.1 PF ceramic
CS1
1 PF
CS2
GND
0.22 PF
0.22 P F
2.2 P F
+0
+6 dB
-18 ± 0 dB
(8 steps)
-18 ± 0 dB
(8 steps)
CB
I
2
CVDD
I
2
C
Interface
CIN1
CIN2
AUDIO
INPUT
AUDIO
INPUT
CIN4
CIN3
Volume Control
Mute to +18 dB
Volume Control
Mute to +18 dB
Volume Control
Mute to +18 dB
RIN
LIN
LOUT
ROUT
VOC
100 PF
100 PF
CO
CO
32:
32:
8:
8:
MONO +
MONO -
32:
Handsfree
Speaker
Mixer
and
Output
Mode
Select
Class AB
SDA
SCL
32:
VDD
Bias
Bypass
MONO_IN+
MONO_IN-
+
-
1 PF
1 PF
0.1 PF ceramic
CS1
1 PF
CS2
GND
0.22 PF
0.22 PF
2.2 P F
+0
+6 dB
-18 ± 0 dB
(8 steps)
-18 ± 0 dB
(8 steps)
CB
I
2
CVDD
I
2
C
Interface
CIN1
CIN2
AUDIO
INPUT
AUDIO
INPUT
CIN4
CIN3
Volume Control
Mute to +18 dB
Volume Control
Mute to +18 dB
Volume Control
Mute to +18 dB
RIN
LIN
LOUT
ROUT
VOC
LM49120, LM49120TLEVAL
SNAS431C – JUNE 2008 – REVISED MAY 2013
www.ti.com
Typical Application
Figure 1. Output Capacitor-Less Configuration
The 6dB speaker gain applies only to the differential input path.
Figure 2. Single-Ended Configuration
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM49120 LM49120TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com