Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49120TLEVAL Datasheet(PDF) 21 Page - Texas Instruments

Part # LM49120TLEVAL
Description  Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49120TLEVAL Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM49120TLEVAL Datasheet HTML 17Page - Texas Instruments LM49120TLEVAL Datasheet HTML 18Page - Texas Instruments LM49120TLEVAL Datasheet HTML 19Page - Texas Instruments LM49120TLEVAL Datasheet HTML 20Page - Texas Instruments LM49120TLEVAL Datasheet HTML 21Page - Texas Instruments LM49120TLEVAL Datasheet HTML 22Page - Texas Instruments LM49120TLEVAL Datasheet HTML 23Page - Texas Instruments LM49120TLEVAL Datasheet HTML 24Page - Texas Instruments LM49120TLEVAL Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
LM49120, LM49120TLEVAL
www.ti.com
SNAS431C – JUNE 2008 – REVISED MAY 2013
The OCL architecture eliminates the bulky, expensive output coupling capacitors required by traditional
headphone amplifiers. In OCL mode, the LM49120 headphone section uses three amplifiers. Two amplifiers
drive the headphones, while the third (VOC) is set to the internally generated bias voltage (typically VDD/2). The
third amplifier is connected to the return terminal of the headphone jack (Figure 1). In this configuration, the
signal side of the headphone is biased to VDD/2, the return is biased to VDD/2, thus there is no net DC voltage
across the headphone, eliminating the need for an output coupling capacitor. Removing the output coupling
capacitors from the headphone signal path reduces component count, reducing system cost and board space
consumption, as well as improving low frequency performance.
In OCL mode, the headphone return sleeve is biased to VDD/2. When driving headphones, the voltage on the
return sleeve is not an issue. However, if the headphone output is used as a line out, the VDD/2 can conflict with
the GND potential that the line-in would expect on the return sleeve. When the return of the headphone jack is
connected to GND the VOC amplifier of the LM49120 detects an output short circuit condition and is disabled,
preventing damage to the LM49120, and allowing the headphone return to be biased at GND.
Single-Ended, Capacitor Coupled Mode
In single-ended mode, the VOC amplifier is disabled, and the headphone outputs are coupled to the jack through
series capacitors, allowing the headphone return to be connected to GND (Figure 2). In SE mode, the LM49120
requires output coupling capacitors to block the DC component of the amplifier output, preventing DC current
from flowing to the load. The output capacitor and speaker impedance form a high pass filter with a -3dB roll-off
determined by:
f–3dB = 1 / 2πRLCO (Hz)
(1)
Where RL is the headphone impedance, and CO is the value of the output coupling capacitor. Choose CO such
that f-3dB is well below the lowest frequency of interest. Setting f-3dB too high results in poor low frequency
performance. Select capacitor dielectric types with low ESR to minimize signal loss due to capacitor series
resistance and maximize power transfer to the load.
Headphone Amplifier BTL Mode
The LM49120 headphone amplifiers feature a BTL mode where the two headphone outputs, LOUT and ROUT are
configured to drive a mono speaker differentially. In BTL mode, the amplifier accepts audio signals from either
the differential MONO inputs, or the single-ended stereo inputs, and converts them to a mono BTL output.
However, if the stereo inputs are 180° out of phase, no audio will be present at the amplifier outputs. Bit B3
(HP/BTL) in the Shutdown Control Register determines the headphone output mode. Set HP/BTL = 0 for stereo
headphone mode, set HP/BTL = 1 for BTL mode.
Input Mixer/Multiplexer
The LM49120 includes a comprehensive mixer multiplexer controlled through the I2C interface. The
mixer/multiplexer allows any input combination to appear on any output of the LM49120. Multiple input paths can
be selected simultaneously. Under these conditions, the selected inputs are mixed together and output on the
selected channel. Table 4 and Table 5 show how the input signals are mixed together for each possible input
selection.
Audio Amplifier Gain Setting
Each channel of the LM49120 has two separate gain stages. Each input stage features a 32-step volume control
with a range of -46dB to +18dB (Table 6). The loudspeaker output stage has two additional gain settings: 0dB
and +6dB (Table 8) when the differential MONO input is selected, and +6dB and +12dB when the single-ended
stereo inputs are selected. The headphone gain is not affected by the input mode. Each headphone output stage
has 8 gain settings (Table 7). This allows for a maximum separation of 22dB between the speaker and
headphone outputs when both are active.
Calculate the total gain of the given signal path as follows:
AVOL + AVOS = AVTOTAL (dB)
where
•
AVOL is the volume control level, AVOS is the output stage gain setting
•
AVTOTAL is the total gain for the signal path.
(2)
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM49120 LM49120TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com