Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49120TLEVAL Datasheet(PDF) 3 Page - Texas Instruments

Part # LM49120TLEVAL
Description  Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49120TLEVAL Datasheet(HTML) 3 Page - Texas Instruments

  LM49120TLEVAL Datasheet HTML 1Page - Texas Instruments LM49120TLEVAL Datasheet HTML 2Page - Texas Instruments LM49120TLEVAL Datasheet HTML 3Page - Texas Instruments LM49120TLEVAL Datasheet HTML 4Page - Texas Instruments LM49120TLEVAL Datasheet HTML 5Page - Texas Instruments LM49120TLEVAL Datasheet HTML 6Page - Texas Instruments LM49120TLEVAL Datasheet HTML 7Page - Texas Instruments LM49120TLEVAL Datasheet HTML 8Page - Texas Instruments LM49120TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
D
C
B
A
1
2
3
4
VOC
VDD
ROUT
LOUT
MONO_IN+
MONO_IN-
BYPASS
LIN
RIN
I
2
CVDD
SCL
SDA
MONO-
MONO+
GND
VDD
LM49120, LM49120TLEVAL
www.ti.com
SNAS431C – JUNE 2008 – REVISED MAY 2013
Connection Diagram
Top View
Figure 3. 16 Bump DSBGA Package
(Bump-Side Down)
See Package Number YZR0016
PIN DESCRIPTIONS
Bump
Name
Description
A1
VOC
Headphone Center Amplifier Output
A2
VDD
Headphone Power Supply
A3
ROUT
Right Channel Headphone Output
A4
LOUT
Left Channel Headphone Output
B1
MONO_IN+
Mono Non-inverting Input
B2
BYPASS
Bias Bypass
B3
LIN
Left Channel Input
B4
RIN
Right Channel Input
C1
MONO_IN-
Mono Inverting Input
C2
I2CVDD
I2C Interface Power Supply
C3
SCL
I2C Clock Input
C4
SDA
I2C Data Input
D1
MONO-
Loudspeaker Inverting Output
D2
GND
Ground
D3
VDD
Power Supply
D4
MONO+
Loudspeaker Non-inverting Output
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM49120 LM49120TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com