Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748E/2K Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1748E/2K
Description  Audio Digital-to-Analog Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1748E/2K Datasheet(HTML) 31 Page - Texas Instruments

Back Button PCM1748E/2K Datasheet HTML 27Page - Texas Instruments PCM1748E/2K Datasheet HTML 28Page - Texas Instruments PCM1748E/2K Datasheet HTML 29Page - Texas Instruments PCM1748E/2K Datasheet HTML 30Page - Texas Instruments PCM1748E/2K Datasheet HTML 31Page - Texas Instruments PCM1748E/2K Datasheet HTML 32Page - Texas Instruments PCM1748E/2K Datasheet HTML 33Page - Texas Instruments PCM1748E/2K Datasheet HTML 34Page - Texas Instruments PCM1748E/2K Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
www.ti.com
REVISION HISTORY
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
DATE
REV
PAGE
SECTION
DESCRIPTION
Apr 2005
B
–
Global
Changed to new format
2
Absolute Maximum Ratings
Changed values for power supply voltage, digital input voltage, lead
temperature, and package temperature. Added supply voltage
difference, VCC – VDD < 3 V.
2
Package/Ordering Information
Table removed from page 2, reformatted, and appended at end of
data sheet.
2
Recommended Operating Con-
New table added to data sheet.
ditions
4
Electrical Characteristics
Storage temperature removed from Temperature Range section of
Electrical Characteristics (duplicate information in Absolute Maxi-
mum Ratings).
6
Pin Assignments and Terminal
Moved from page 2
Functions
9
Typical Performance Curves
In Figure 12, changed Y-axis label from SNR to Dynamic Range.
12
Power-On-Reset Functions
Added description about 1024-system-clock delay time shown in the
Figure 20 timing diagram.
12
Audio Serial Interface
Changed description of I2S format and condition for synchronization
from one SCK clock to three BCK clocks.
13, 14
Audio Data Formats and Timing
In Figure 21, Audio Data Input Formats, removed 32-fS availability
from left-justified format. In Figure 22, Audio Interface Timing,
corrected specification for BCK pulse cycle time.
17
Register Map
For Table 3, Mode Control Register Map, added note to explain the
RSV table entry.
17, 18
Register Definitions
For ATx[7:0] – Digital Attenuation Level Setting and MUTx – Soft
Mute Control, added description about incrementing/decrementing
attenuation level by one step for every 8/fS period.
20
Register Definitions
For FMT[2:0] – Audio Interface Data Format, corrected default
setting from 000, 24-bit standard format, right-justified data to 101,
left-justified format, 16-to 24-bit.
24
Zero Flags
Added description for L-channel/R-channel common zero flag.
25
Connection Diagram
In Figure 28, corrected capacitor polarity for VDD decoupling
capacitor.
26, 27
PCB Layout Guidelines
In Figure 30 and Figure 31, deleted extraneous signal lines. In
Figure 31, changed leftmost block to Digital Logic and Audio
Processor.
30
Dynamic Range
Corrected parameters in test setup diagram, Figure 36.
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com