Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748E/2K Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1748E/2K
Description  Audio Digital-to-Analog Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1748E/2K Datasheet(HTML) 1 Page - Texas Instruments

  PCM1748E/2K Datasheet HTML 1Page - Texas Instruments PCM1748E/2K Datasheet HTML 2Page - Texas Instruments PCM1748E/2K Datasheet HTML 3Page - Texas Instruments PCM1748E/2K Datasheet HTML 4Page - Texas Instruments PCM1748E/2K Datasheet HTML 5Page - Texas Instruments PCM1748E/2K Datasheet HTML 6Page - Texas Instruments PCM1748E/2K Datasheet HTML 7Page - Texas Instruments PCM1748E/2K Datasheet HTML 8Page - Texas Instruments PCM1748E/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma,
Audio Digital-to-Analog Converter
•
AV Receivers
•
24-Bit Resolution
•
DVD Movie Players
•
Analog Performance (VCC = 5 V):
•
DVD Add-On Cards for High-End PCs
– Dynamic Range:
•
HDTV Receivers
• 106 dB, Typical (PCM1748KE)
•
Car Audio Systems
• 100 dB, Typical (PCM1748E)
•
Other Applications Requiring 24-Bit Audio
– SNR:
• 106 dB, Typical (PCM1748KE)
• 100 dB, Typical (PCM1748E)
The PCM1748 is a CMOS, monolithic, integrated
– THD+N:
circuit which includes stereo digital-to-analog con-
verters (DAC) and support circuitry in a small
• 0.002%, Typical (PCM1748KE)
SSOP-16 package. The data converters use Texas
• 0.003%, Typical (PCM1748E)
Instruments' enhanced multilevel delta-sigma archi-
– Full-Scale Output: 3.1 Vp-p, Typical
tecture that employs fourth-order noise shaping and
•
8× Oversampling Digital Filter:
8-level amplitude quantization to achieve excellent
dynamic performance and improved tolerance to
– Stop-Band Attenuation: –55 dB
clock jitter. The PCM1748 accepts industry-standard
– Pass-Band Ripple: ±0.03 dB
audio data formats with 16- to 24-bit data, providing
•
Sampling Frequency: 5 kHz to 100 kHz
easy interfacing to audio DSP and decoder chips.
Sampling rates up to 100 kHz are supported. A full
•
System Clock: 256 fS, 384 fS, 512 fS, 768 fS
set of user-programmable functions is accessible
With Autodetect
through a 3-wire serial-control port that supports
•
Accepts 16-, 18-, 20-, and 24-Bit Audio Data
register write functions.
•
Data Formats: Standard, I
2S, and
Left-Justified
•
User-Programmable Mode Controls:
– Digital Attenuation: 0 dB to –63 dB,
0.5 dB/Step
– Digital De-Emphasis
– Digital Filter Rolloff: Sharp or Slow
– Soft Mute
– Zero Flags for Each Output
•
Dual-Supply Operation:
– 5-V Analog
– 3.3-V Digital
•
5-V Tolerant Digital Inputs
•
Small SSOP-16 Package
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
FilterPro is a trademark of Texas Instruments.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM1748E/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1748E/2K BURR-BROWN-PCM1748E/2K Datasheet
323Kb / 20P
24-Bit, 96kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1748E/2K TI2-PCM1748E/2K Datasheet
767Kb / 40P
24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
REVISED APRIL 2005
PCM1748E/2K.B TI2-PCM1748E/2K.B Datasheet
767Kb / 40P
24-Bit, 96-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
REVISED APRIL 2005
More results

Similar Description - PCM1748E/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1753-Q1 TI1-PCM1753-Q1 Datasheet
1Mb / 38P
Audio Digital-to-Analog Converter
PCM1789 TI1-PCM1789 Datasheet
1Mb / 41P
Audio Digital-to-Analog Converter
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
Audio Stereo Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
Stereo Audio Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
Audio-Stereo Digital-to-Analog Converter
PCM1780 TI1-PCM1780_15 Datasheet
724Kb / 35P
Audio Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com