Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1748E/2K Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1748E/2K
Description  Audio Digital-to-Analog Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1748E/2K Datasheet(HTML) 8 Page - Texas Instruments

Back Button PCM1748E/2K Datasheet HTML 4Page - Texas Instruments PCM1748E/2K Datasheet HTML 5Page - Texas Instruments PCM1748E/2K Datasheet HTML 6Page - Texas Instruments PCM1748E/2K Datasheet HTML 7Page - Texas Instruments PCM1748E/2K Datasheet HTML 8Page - Texas Instruments PCM1748E/2K Datasheet HTML 9Page - Texas Instruments PCM1748E/2K Datasheet HTML 10Page - Texas Instruments PCM1748E/2K Datasheet HTML 11Page - Texas Instruments PCM1748E/2K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
www.ti.com
TYPICAL PERFORMANCE CURVES (continued)
Digital Filter (De-Emphasis Curves)
0.0
−1.0
−2.0
−3.0
−4.0
−5.0
−6.0
−7.0
−8.0
−9.0
−10.0
0
2
4
6
8
10
12
14
Frequency (kHz)
0.5
0.4
0.3
0.2
0.1
0.0
−0.1
−0.2
−0.3
−0.4
−0.5
0
2
4
6
8
10
12
14
Frequency (kHz)
0.0
−1.0
−2.0
−3.0
−4.0
−5.0
−6.0
−7.0
−8.0
−9.0
−10.0
0
2
4
6
8
10
12
14
16
18
20
Frequency (kHz)
0.5
0.4
0.3
0.2
0.1
0.0
−0.1
−0.2
−0.3
−0.4
−0.5
0
2
4
6
8
10
12
14
16
18
20
Frequency (kHz)
0.0
−1.0
−2.0
−3.0
−4.0
−5.0
−6.0
−7.0
−8.0
−9.0
−10.0
0
2
4
6
8
10
12
14
16
18
22
Frequency (kHz)
0.5
0.4
0.3
0.2
0.1
0.0
−0.1
−0.2
−0.3
−0.4
−0.5
0
2
4
6
8
10
12
14
16
18
22
Frequency (kHz)
PCM1748
SBAS165B – MAY 2001 – REVISED APRIL 2005
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, fS = 44.1 kHz, system clock = 384 fS, and 24-bit input data, unless
otherwise noted
DE-EMPHASIS (fS = 32 kHz)
DE-EMPHASIS ERROR (fS = 32 kHz)
Figure 5.
Figure 6.
DE-EMPHASIS (fS = 44.1 kHz)
DE-EMPHASIS ERROR (fS = 44.1 kHz)
Figure 7.
Figure 8.
DE-EMPHASIS (fS = 48 kHz)
DE-EMPHASIS ERROR (fS = 48 kHz)
Figure 9.
Figure 10.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com