Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7653 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP7653
Description  1.3MHz, Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7653 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP7653 Datasheet HTML 2Page - Exar Corporation SP7653 Datasheet HTML 3Page - Exar Corporation SP7653 Datasheet HTML 4Page - Exar Corporation SP7653 Datasheet HTML 5Page - Exar Corporation SP7653 Datasheet HTML 6Page - Exar Corporation SP7653 Datasheet HTML 7Page - Exar Corporation SP7653 Datasheet HTML 8Page - Exar Corporation SP7653 Datasheet HTML 9Page - Exar Corporation SP7653 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Date: /20/06
SP7653 Wide Input Voltage Range, .3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
6
Date: 2/17/06
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
THEORY OF OPERATION
pin externally. If a simple, single-pole single-
zero response is desired, then compensation can
be as simple as an RC circuit to Ground. If a
more complex compensation is required, then
the amplifier has enough bandwidth (45° at 4
MHz) and enough gain (60dB) to run Type III
compensation schemes with adequate gain and
phase margins at crossover frequencies greater
than 50kHz.
The common mode output of the error amplifier
is 0.9V to 2.2V. Therefore, the PWM voltage
ramp has been set between 1.1V and 2.2V to
ensure proper 0% to 100% duty cycle capability.
The voltage loop also includes two other very
important features. One is an asynchronous
startup mode. Basically, the synchronous recti-
fier cannot turn on unless the high side switch
has attempted to turn on or the SS pin has
exceeded 1.7V. This feature prevents the con-
troller from “dragging down” the output voltage
during startup or in fault modes. The second
feature is a 100% duty cycle timeout that en-
sures synchronized refreshing of the Boost ca-
pacitor at very high duty ratios. In the event that
the high side NFET is on for 20 continuous
clock cycles, a reset is given to the PWM flip-
flop half way through the 21st cycle. This forces
GL to rise for the cycle, in turn refreshing the
Boost capacitor. The boost capacitor is used to
generate a high voltage drive supply for the high
side switch, which is 5V above VIN.
Power MOSFETs
The SP7653 contains a pair of integrated low
resistance N-channel switches designed for up
to 3Amps. Care should be taken to de-rate the
output current based on the thermal conditions
in the system such as ambient temperature,
airflow and heat sinking. Maximum output cur-
rent could be limited by thermal limitations of a
particular application by taking advantage of
the integrated-over-temperature protective
scheme employed in the SP7653. The SP7653
incorporates a built-in overtemperature protec-
tion to prevent internal overheating.
GH
Voltage
GL
Voltage
V(VIN)
0V
-0V
-V(Diode) V
V(VIN)+V(VCC)
BST
Voltage
V(VCC)
TIME
SWN
Voltage
VBST
VSWN
V(VCC)
The SP7653 can be set to different output volt-
ages. The relationship in the following formula
is based on a voltage divider from the output to
the feedback pin V
FB, which is set to an internal
reference voltage of 0.80V. Standard 1% metal
film resistors of surface mount size 0603 are
recommended.
VOUT = 0.80V ( R1 / R2 + 1 ) =>
R2 =
R1
.
{ ( VOUT / 0.80V ) – 1 }
Where R1 = 68.1K
and for VOUT = 0.80V
setting, simply remove R2 from the board. Fur-
thermore, one could select the value of the R1
and R2 combination to meet the exact output
voltage setting by restricting the resistance range
of R1 such that 50K < R1 < 100K for overall
system loop stability.
Setting Output Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com